Electronic Components Datasheet Search
  English  ▼

X  

IRFP350 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP350
Description  N-Channel Power Mosfet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP350 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP350 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP350 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRFP350
16A,400V,0.300Ohm, N-Channel Power Mosfet
www.artschip.com
2
Absolute Maximum Ratings Tc=25℃, Unless Otherwise Specified
IRFP350
UNITS
Drain to Source Voltage (Note 1)…………………………………………………………………....VDS
400
V
Drain to Gate Voltage (RGS=20KΩ)(Note 1)……………………………………………………...VDGR
400
V
Continuous Drain Current……………………………………………………………………………..ID
16
A
Tc=100℃………………………………………………………………………………………………...ID
10
A
Pulsed Drain Current (Note3)……………………………………………………………………....IDM
64
A
Gate to Source Voltage……………………………………………………………………………..VGS
±20
V
Maximum Power Dissipation………………………………………………………………………..PD
180
W
Linear Derating Factor………………………………………………………………………………….
1.44
W/℃
Single Pulse Avalanche Energy Rating (Note 4)…………………………………………………EAS
700
mJ
Operating and Storage Temperature………………………………………………………….TJ, TSTG
-55 to 150
℃
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s…………………………………………………….TL
300
℃
Package Body for 10s, See Techbrief 334……………………………………………………....Tpkg
260
℃
CAUTION:
Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied.
NOTE:
1.
TJ=25℃ to 125℃.
Electrical Specifications Tc=25℃, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA(Figure 10)
400
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS=VDS, ID=250µA
2.0
-
4.0
V
VDS=Rated BVDSS, VGS=0V
-
-
25
µA
Zero-Gate Voltage Drain Current
IDSS
VDS=0.8 x Rated BVDSS, VGS=10V,TJ=125℃
-
-
250
A
On-State Drain Current (Note 2)
ID(ON)
VDS>ID(ON) x rDS(ON)MAX, VGS =10V (Figure7)
16
-
-
A
Gate to Source Leakage Current
IGSS
VGS=±20V
-
-
±100
nA
Drain to Source On Resistance (Note2)
rDS(ON)
VGS=10V, ID=8.9A (Figures 8,9)
-
0.250
0.300
Ω
Forward Transconductance (Note 2)
gfs
VDS=2 x VGS, ID=8.0A (Figure 12)
8.0
10
-
S
Turn-On Delay Time
tD(ON)
-
12
18
ns
Rise Time
tr
-
51
77
ns
Turn-Off Delay Time
tD(OFF)
-
75
110
ns
Fall Time
tf
VDD=200V, ID=16A,RGS=6.2Ω, VGS=10V,
RL=12.3 Ω
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-
47
71
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg
-
87
130
nC
Gate to Source Charge
Qgs
-
10
-
nC
Gate to Drain “Miller” Charge
Qgd
VGS=10V, ID=16A, VDS=0.8 x Rated BVDSS。
IG(REF) = 1.5mA (Figure 14)
Gate Charge is Essentially Independent of
Operating Temperature
-
33
-
nC
Input Capacitance
CISS
-
2000
-
pF
Output Capacitance
Coss
-
400
-
pF
Reverse-Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f =1.0MHz (Figure 11)
-
100
-
pF
Internal Drain Inductance
LD
Measured Between
the Contact Screw
on Header that is
Closer to Source and
Gate
Pins
and
Center of Die
-
5.0
-
nH
Internal Source Inductance
Measured from the
Source Lead, 6mm
(0.28in)
From
Header to Source
Bonding Pad
Modified
MOSFET
Symbol Showing the
internal
Devices
Inductances
-
12.5
-
nH
Junction to Case
RӨJC
-
-
0.70
℃
/W
Junction to Ambient
RӨJA
Free Air Operation
-
-
30
℃
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com