Electronic Components Datasheet Search
  English  ▼

X  

D25F Datasheet(PDF) 2 Page - MKS Instruments.

Part # D25F
Description  HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

D25F Datasheet(HTML) 2 Page - MKS Instruments.

  D25F Datasheet HTML 1Page - MKS Instruments. D25F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and
Ordering Information
D25F
11T
BA
B
2
E
Full Scale Ranges
10, 100, 1000 Torr
Resolution
0.001% of Full Scale
Accuracy
0.25% of Reading (including non-linearity, hysteresis, and non-repeatability)
Temperature Coefficients
Zero
0.002% of Full Scale/°C
Span
0.02% of Reading/°C
Ambient Operating Temperature
15°C to 50°C
Volume
6.3 cc
Warm-Up Time
2 hours
Overpressure Limit
45 psia (310 kPa)
Materials Exposed to Gases
Inconel® (Optional Fittings: 316 SS)
Input Power Required
±15 VDC ±5% @ 0.6 Amps (max.)
Output Signal
Pressure: 0 to +10 VDC into > 10K W load; second output 0 to 10 VDC into > 10K W load
over lower range
Output Relays
SPDT contacts rated at 1 Amp @ 30 VDC or 0.5 Amp @ 30 VAC resistive
Trip Point Level Signal
0.01 to 10 VDC for each trip point (first output only)
Fittings
Standard: 1/2” (12.7 mm) tubulation; Optional: 8 VCR® female, Mini-CF, NW 16 KF, NW 25 KF
Compliance
CE
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and
local government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™ is a trademark and Baratron® is a registered trademark of MKS
Instruments, Inc., Andover, MA. VCR® is a registered trademark of Swagelok® Co., Solon, OH. Inconel® is a registered
trademark of Inco Alloys International, Inc., Huntington, WV.
D25F - 3/19
© 2014-2019 MKS Instruments, Inc.
All rights reserved.
Dimensional Drawing —
Note: Unless otherwise specified, dimensions
are nominal values in inches (mm referenced).
3.87
98.30
[
]
1.38
35.05
[
]
0.21
5.33
[
]
3.15
80.01
[
]
1.12
[28.45]
PIN 1
PIN 8
PIN 9
PIN 15
Zero
Adj
Trip
G<<R
Pt. A
Adj
Trip
G<<R
Pt. B
TPA
GND
TPB
1 Trip Point-A V-level
2 First Pressure Output
3 Trip Point-A N.C.
4 Trip Point-A N.O.
5 Power Common
6 -15 VDC
7 +15 VDC
8 Trip Point-A Com
9 Trip Point-B N.O.
10 Trip Point-B N.C.
11 Trip Point-B Com
12 Press Output Rtn
13 Trip Point-B V-Level
14 No Connection
15 Chassis Ground
Ordering Code Example: D25F11TBAEB2
Model
Code
Configuration
D25F
D25F
Ranges mmHg (Torr)
10
11T
100
12T
1000
13T
Fittings
1/2” Tube
BA
8 VCR
CE
Mini-CF
HA
NW 16 KF
GA
NW 25 KF
GC
Accuracy
0.25%
E
Connector
15 pin Type “D” with Thread Locks
B
15 pin Type “D” with Slide Locks
P
Second Range Gain Ratio
2 to 1
2
5 to 1
5
10 to 1
0
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com