Electronic Components Datasheet Search
  English  ▼

X  

D25F Datasheet(PDF) 1 Page - MKS Instruments.

Part # D25F
Description  HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

D25F Datasheet(HTML) 1 Page - MKS Instruments.

  D25F Datasheet HTML 1Page - MKS Instruments. D25F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D25F
HEATED (100°C) DUAL-RANGE ABSOLUTE BARATRON®
CAPACITANCE MANOMETER WITH TRIP POINTS
The D25F dual-range manometer, an application-specific absolute Baratron® capacitance
manometer, is the latest addition to the MKS family of general purpose manometers. With
two distinct measurement outputs, the D25F provides accurate, reliable, and repeatable
pressure measurements for multi-step processes. The D25F is heated to 100°C, and is
available in Full Scale ranges of 10, 100 and 1000 Torr, with a customer specified second
output at 2, 5, or 10 times lower Full Scale. The lower pressure limitation of system A/D
resolution is now minimized with higher output signal levels. The instrument operates with
±15 VDC (±5%) input at 600 mA (max.), and provides two outputs of 0 to 10 VDC linear with
pressure.
The sensor of the D25F exposes only Inconel® to the process permitting the use with
corrosive or dirty gases. Measurements are independent of gas composition. The D25F also
features two trip point relays, each separately adjustable from 0.1 to 100% of Full Scale.
Dual color LEDs indicate relay status. Typical relay uses include pump cross-over and valve
activation. The modern stainless steel enclosure provides a cleanroom compatible product.
Features & Benefits
Accurate
• Second output provides greater
resolution over the lower range of the
instrument
• Percent of Reading accuracy for more
repeatable output signal
• Provides improved sensitivity for system
I/O architecture with limited A/D
resolution
• Measures total pressure directly,
independent of gas composition
Robust
• All Inconel corrosion resistant wetted
surfaces
• Integrated sump (US Patent #5,822,685)
provides particle protection
• High overpressure rating for improved
reliability
Compatible
• Cleanroom-compatible stainless steel
package
• Compatible with earlier Baratron
capacitance manometers, MKS power
supply/readout modules and pressure
controllers


Similar Part No. - D25F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
D25F MKS-D25F Datasheet
740Kb / 16P
600 Series Analog Capacitance Manometers
logo
Shindengen Electric Mfg...
D25FD60V SHINDENGEN-D25FD60V Datasheet
162Kb / 4P
Rectifier Diode
logo
Inchange Semiconductor ...
D25FD60V ISC-D25FD60V Datasheet
320Kb / 2P
General Rectifying Diode
More results

Similar Description - D25F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
623F MKS-623F Datasheet
242Kb / 2P
UNHEATED ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
624F MKS-624F Datasheet
159Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
625F MKS-625F Datasheet
138Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
628F MKS-628F Datasheet
194Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
AA09A MKS-AA09A Datasheet
378Kb / 2P
General Purpose Absolute Baratron Capacitance Manometer
D24F MKS-D24F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D27F MKS-D27F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D28F MKS-D28F Datasheet
145Kb / 2P
HEATED (100째C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
E28F MKS-E28F Datasheet
181Kb / 2P
Heated (100C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
E29F MKS-E29F Datasheet
171Kb / 2P
Heated (45C or 100C) Absolute Baratron capacitance Manometer with Etch Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com