Electronic Components Datasheet Search
  English  ▼

X  

D28F Datasheet(PDF) 2 Page - MKS Instruments.

Part # D28F
Description  HEATED (100째C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

D28F Datasheet(HTML) 2 Page - MKS Instruments.

  D28F Datasheet HTML 1Page - MKS Instruments. D28F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and
Ordering Information
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and
local government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™ is a trademark and Baratron® is a registered trademark of MKS
Instruments, Inc., Andover, MA. VCR® is a registered trademark of Swagelok® Co., Solon OH. Inconel® is a registered
trademarkof Inco Alloys International, Inc., Huntington, WV.
D28F - 3/19
© 2014-2019 MKS Instruments, Inc.
All rights reserved.
Dimensional Drawing —
Note: Unless otherwise specified, dimensions
are nominal values in inches (mm referenced).
Full Scale Ranges
1, 10, 100, 1000 Torr
Resolution
0.001% of Full Scale
Accuracy
0.25% of Reading (including non-linearity, hysteresis, and non-repeatability)
Temperature Coefficients
Zero
0.002% of Full Scale/°C
Span
0.02% of Reading/°C
Ambient Operating Temperature
15°C to 40°C
Volume
6.3 cc
Warm-Up Time
2 hours
Overpressure Limit
45 psia (310 kPa)
Materials Exposed to Gases
Inconel® (Optional fittings: 316 SS)
Input Power Required
±15 VDC ±5% @ 0.5 Amps (max.)
Output Signal
Pressure: 0 to +10 VDC into > 10K
Ω load; second output 0 to 10 VDC into > 10K Ω load over
lower range
Fittings
Standard: 1/2” (12.7 mm) tubulation; Optional: 8 VCR® female, Mini-CF, NW 16 KF, NW25 KF
Compliance
CE
D28F
01T
BA
E
1
B
2
Ordering Code Example: D28F01TBAE1B2
Model
Code
Configuration
D28F
D28F
Ranges mmHg (Torr)
1
01T
10
11T
100
12T
1000
13T
Fittings
1/2” Tube
BA
8 VCR
CE
Mini-CF
HA
NW 16 KF
GA
NW 25 KF
GC
Accuracy (% of Reading)
0.25% (standard 1 thru 1000 Torr only)
E
Orientation/Calibration
Specific Orientation for Calibration not required
0
(1 Torr and above, first output)
Vertical Calibration (required below 1 Torr, first ouput)
1
Horizontal Calibration
5
(required below 1 Torr, first output)
Connector
15 pin Type “D” with Thread Locks
B
15 pin Type “D” with Slide Locks
P
Second Range Gain Ratio
2 to 1
2
5 to 1
5
10 to 1
0
3.87
98.30
[
]
1.38
35.05
[
]
0.21
5.33
[
]
3.15
80.01
[
]
Pin 1 At Temp Status (optional)
Pin 2 Pressure Output
Pin 4 At Temp Status Rtn (opt)
Pin 5 Power Return
Pin 6 -15 VDC PIN 7 +15 VDC
Pin 9 Htr Fail Status (opt)
Pin 10 Htr Fail Rtn Status (op
Pin 12 Pressure Output Rtn
Pin 15 Chassis Ground
Pin 14 Reserved
PIN 1
PIN 8
PIN 9
PIN 15
Zero
Coarse Zero
On The Side
1.12
[28.45]
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com