Electronic Components Datasheet Search
  English  ▼

X  

D28F Datasheet(PDF) 1 Page - MKS Instruments.

Part # D28F
Description  HEATED (100째C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

D28F Datasheet(HTML) 1 Page - MKS Instruments.

  D28F Datasheet HTML 1Page - MKS Instruments. D28F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D28F
HEATED (100°C) DUAL-RANGE ABSOLUTE
BARATRON® CAPACITANCE MANOMETER
The D28F dual-range manometer, an application-specific absolute Baratron® capacitance
manometer, is the latest addition to the MKS family of general purpose manometers. With
two distinct measurement outputs, the D28F provides accurate, reliable, and repeatable
pressure measurements for multi-step processes. The D28F is heated to 100°C and is
available in Full Scale ranges of 1, 10, 100 and 1000 Torr, with a customer specified
second output having either a 2, 5, or 10 times lower Full Scale pressure output to provide
a proportionally higher sensitivity. The lower pressure limitation of system A/D resolution is
now minimized with higher output signal levels. The D28F requires ±15 VDC (±5%) input at
500 mA (max.), and provides two outputs of 0 to 10 VDC linear with pressure.
Based on the well-established Baratron capacitance manometer technology, the sensor’s
wetted surfaces are made of Inconel® for corrosion resistance and process compatibility.
Measurements are independent of gas composition. The modern stainless steel enclosure
provides a cleanroom-compatible product.
Features & Benefits
Accurate
• Second output provides greater
resolution over the lower range of the
instrument
• Percent of Reading accuracy for more
repeatable output signal
• Provides improved sensitivity for system
I/O architecture with limited A/D
resolution
• Measures total pressure directly,
independent of gas composition
Robust
• All Inconel corrosion resistant wetted
surfaces
• Integrated sump (US Patent #5,822,685)
provides particle protection
• High overpressure rating for improved
reliability
Compatible
• Cleanroom-compatible stainless steel
package
• Compatible with earlier Baratron
capacitance manometers, MKS power
supply/readout modules, and pressure
controllers


Similar Part No. - D28F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
D28F MKS-D28F Datasheet
740Kb / 16P
600 Series Analog Capacitance Manometers
More results

Similar Description - D28F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
624F MKS-624F Datasheet
159Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
625F MKS-625F Datasheet
138Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
627F MKS-627F Datasheet
199Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
628F MKS-628F Datasheet
194Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
722B MKS-722B Datasheet
125Kb / 2P
GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D24F MKS-D24F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D25F MKS-D25F Datasheet
141Kb / 2P
HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D27F MKS-D27F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
E27F MKS-E27F Datasheet
205Kb / 2P
Heated (45C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
E28F MKS-E28F Datasheet
181Kb / 2P
Heated (100C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com