Electronic Components Datasheet Search
  English  ▼

X  

DA02A Datasheet(PDF) 1 Page - MKS Instruments.

Part # DA02A
Description  TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH ETHERCAT COMMUNICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

DA02A Datasheet(HTML) 1 Page - MKS Instruments.

  DA02A Datasheet HTML 1Page - MKS Instruments. DA02A Datasheet HTML 2Page - MKS Instruments. DA02A Datasheet HTML 3Page - MKS Instruments. DA02A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TEMPERATURE-CONTROLLED ABSOLUTE
BARATRON® CAPACITANCE MANOMETER
WITH ETHERCAT® COMMUNICATIONS
For nearly 20 years, the MKS Baratron® capacitance manometers have led the industry
in long-term performance, accuracy, reliability, and worldwide installed base. The DA02A
Baratron capacitance manometer continues that progression of high performance into
networked systems, using industry-standard EtherCAT digital communications to connect to
complex process tools.
Based on the proven 626C absolute analog and the 627E/628E Ethernet-equipped Baratron
manometer products, the DA02A meets the current ETG.5003 Semiconductor Device
Profile and is designed for use in advanced processing systems. It uses the exact same
Inconel®-based capacitance sensor as current MKS Baratron manometer products, and thus
offers the same long lifetime, low maintenance, and high corrosion resistance as current
analog Baratron capacitance manometers. Two (2) independent configurable solid state trip
relays for pressure are available as an option to permit control for external components. It
is available in four different operating temperatures (unheated, 45°, 80°, or 100°C), eleven
different Full Scale measurement ranges from 0.1 to 1000 Torr (13.3 Pa to 133.3 kPa), and
ten different connection fittings for use in nearly any application or process.
Features & Benefits
• Industry-leading accuracy and
repeatability
• Standard product includes both analog
and EtherCAT communications
• Full Scale measurement ranges from
0.1 to 1000 Torr (13.3 Pa to 133.3 kPa)
• Inconel-based sensor offers superior
corrosion resistance to common process
gases
• Operating temperatures of unheated, 45°,
80°, or 100°C
• Excellent long-term stability
• Patented fluorine friendly etch baffle
available upon request
DA02A


Similar Part No. - DA02A

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
DA02A FARADAY-DA02A Datasheet
88Kb / 2P
SMD VIDEO DELAY LINES
logo
SHENZHEN FUMAN ELECTRON...
DA02A FUMAN-DA02A Datasheet
364Kb / 6P
500mA charger driver IC
More results

Similar Description - DA02A

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
622C MKS-622C Datasheet
239Kb / 4P
UNHEATED ABSOLUTE BARATRON CAPACITANCE MANOMETERS
623F MKS-623F Datasheet
242Kb / 2P
UNHEATED ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
627F MKS-627F Datasheet
199Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
628F MKS-628F Datasheet
194Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
722B MKS-722B Datasheet
125Kb / 2P
GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
AA09A MKS-AA09A Datasheet
378Kb / 2P
General Purpose Absolute Baratron Capacitance Manometer
D24F MKS-D24F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D25F MKS-D25F Datasheet
141Kb / 2P
HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
DA01A MKS-DA01A Datasheet
415Kb / 4P
TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH DEVICENET COMMUNICATIONS
E29F MKS-E29F Datasheet
171Kb / 2P
Heated (45C or 100C) Absolute Baratron capacitance Manometer with Etch Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com