Electronic Components Datasheet Search
  English  ▼

X  

E28F Datasheet(PDF) 2 Page - MKS Instruments.

Part # E28F
Description  Heated (100C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

E28F Datasheet(HTML) 2 Page - MKS Instruments.

  E28F Datasheet HTML 1Page - MKS Instruments. E28F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E28F
Specifications and
Ordering Information
Full scale ranges
0.05, 0.1, 0.25, 1, 2, 10, 20, and 100 torr
resolution
0.001% of Full scale (0.002% of Full scale for 0.05 torr)
accuracy
0.25% of Reading (including non-linearity, hysteresis, and non-repeatability),
0.5% for <1 torr and 0.05 torr
temperature Coefficients
Zero
0.002% of Full scale/°c for 1-100 torr ranges; 0.01% of Full scale/°c for 0.1 torr and
0.02% of Full scale/°c for 0.05 torr
span
0.02% of Reading/°c
ambient operating temperature
15°c to 50°c
Volume
6.3 cc
warm-up time
2 hours for 1 torr and higher, 4 hours for < 1 torr
overpressure limit
45psia(310kPa)or120%FullScale,whicheverisgreater
Materials exposed to Gases
inconel®
input power required
±15VDC±5%@0.6Amps(max.)
output signal
Pressure:0to+10VDCinto>10KΩ load
optional Features led’s and switches
Temperaturestatus:onesemiconductorswitchwillturn“ON”andcorrespondinggreenLED
willbe“ON”whentheinstrumentisattemperature.
Heaterstatus:secondsemiconductorswitchwillturn“OFF”whenheaterfailureoccursand
corresponding bi-color LED will be blinking red, otherwise light will remain green.
Fittings
Standard:1/2''(12.7mm)ODtube.Optional:8VCR®and8VCO® female, nw16 kF and
NW25KF,1.33''ODCFand2.75''ODCF
Compliance
cE
specifications for semiconductor switch
Current Charge Capacity
120mA max.
switch on resistance
20
Ω max.@120mA,50°C
open Circuit Voltage
28Vmax.
some Baratron®
capacitancemanometerproductsmaynotbeexportedtomanyendusercountrieswithoutbothUSandlocal
government export licenses under Eccn 2B230. specifications are subject to change without notice. mksinst™ is a trademark
and Baratron®
isaregisteredtrademarkofMKSInstruments,Inc.,Andover,MA.VCR® is a registered trademark of swagelok®
Co.,SolonOH.Conflat®isaregisteredtrademarkofVarianAssociates.Inconel® is a registered trademark of inco Alloys
International,Inc.,Huntington,WV.
E28F - 12/18
© 2013-2018 mks instruments, inc.
All rights reserved.
Dimensional Drawing —
Note: Unless otherwise specified,
dimensions are nominal values in inches
(mm referenced).
B
E
B
01t
1
ordering Code example: e28F01tbe1b
Code
Configuration
e28F
E28F
pressure range Full scale
0.05
U5T
0.1
.1t
0.25
REt
1
01t
2
02t
10
11t
20
21t
100
12t
Fittings
1/2''(12.7mm)ODtube
A
8VCRfemale
B
1.33''ODCF
C
nw16 kF (range < 5000 torr)
D
8VCOfemale
E
2.75''ODCF
L
nw25 kF (range < 5000 torr)
Q
accuracy
0.25% reading (ranges
≥ 1 torr)
E
0.50% reading (ranges < 1 torr)
F
options
standard configuration, vertical calibration
1
OptionalTemperature/HeaterStatus,verticalcalibration
2
standard configuration, horizontal calibration
5
(ranges < 1 torr only)
OptionalTemperature/HeaterStatus,horizontalcalibration 6
(ranges < 1 torr only)
Connector
15pinType“D”withThreadLock
B
15pinType“D”withSlideLock
P
MKS Instruments, Inc.
Global Headquarters
2 tech Drive, suite 201
Andover, mA 01810
Tel:978.645.5500
Tel:800.227.8766(inU.S.A.)
Web:www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
six shattuck Road
Andover, mA 01810
Tel:978.975.2350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com