Electronic Components Datasheet Search
  English  ▼

X  

E28F Datasheet(PDF) 1 Page - MKS Instruments.

Part # E28F
Description  Heated (100C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

E28F Datasheet(HTML) 1 Page - MKS Instruments.

  E28F Datasheet HTML 1Page - MKS Instruments. E28F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E28F
Heated (100°C) absolute baratron® CapaCitanCe
ManoMeter witH etCH sensor
the E28F is the recommended solution for use in etch processes. mks has implemented
solutions within the manometer’s pressure sensing element to minimize the effects of
process byproducts and process gases. For processes that generate large quantities of
condensable byproducts, mks recommends the etch baffle that significantly reduces the
ability of byproducts to reach the sensor, minimizing process-induced zero drift. For very low
pressure processes where fluorine burn-in is the main issue, mks recommends the fluorine
friendly etch baffle offering the ultimate in short- and long-term stability in fluorine chemistry.
the E28F is heated to 100°c, accurate to 0.25% of Reading and includes updated
temperature control electronics to provide superior long-term stability and repeatability.
optional heater and temperature status LED/switches indicate that the heater (which
maintains the sensor temperature to 100°c) is in control. the E28F is available in Full scale
ranges down to 50 mtorr (0.07 mbar) to accommodate today’s lower process pressures.
Based on established Baratron capacitance manometer technology, the sensor’s wetted
surfaces are inconel® for excellent resistance to corrosive gases. the contemporary
stainless steel package provides a cleanroom-compatible product. the product is
interchangeable with earlier 128, 628A, 628B, 628D, E28B, and E28D Baratron capacitance
manometers and can be used with mks power supplies, display units and pressure
controllers, or the user’s compatible power supply/readout devices.
Features & Benefits
Accurate
• Excellentlong-termstability
• PercentofReadingaccuracyformore
precise output signal in lower pressure
ranges
• FullScalerangesaslowas50mTorr
(0.07 mbar) for precise measurement of
low pressure processes
• Measurestotalpressuredirectly,
independent of gas composition
Robust
• All-Inconelcorrosion-resistantwetted
surfaces
• Patentedfluorinefriendlyetchbaffle
available upon request
• Integratedsump(USpatent#5,822,685)
provides particle protection
• Fasterwarm-uptime
• Visualandelectricalstatusof
temperature and heater control circuit
• Highoverpressureratingforimproved
reliability
Compatible
• Cleanroom-compatiblestainlesssteel
package
• CompatiblewithearlierBaratron
capacitance manometers, mks power
supply/readout modules, and pressure
controllers


Similar Part No. - E28F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
E28F MKS-E28F Datasheet
740Kb / 16P
600 Series Analog Capacitance Manometers
logo
Intel Corporation
E28F001BX-B120 INTEL-E28F001BX-B120 Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
E28F001BX-B150 INTEL-E28F001BX-B150 Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
E28F001BX-B70 INTEL-E28F001BX-B70 Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
E28F001BX-B90 INTEL-E28F001BX-B90 Datasheet
436Kb / 33P
1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
More results

Similar Description - E28F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
624F MKS-624F Datasheet
159Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
625F MKS-625F Datasheet
138Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER WITH TRIP POINTS
627F MKS-627F Datasheet
199Kb / 2P
HEATED (45C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
628F MKS-628F Datasheet
194Kb / 2P
HEATED (100C) ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
722B MKS-722B Datasheet
125Kb / 2P
GENERAL PURPOSE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D25F MKS-D25F Datasheet
141Kb / 2P
HEATED (100C) DUAL-RANGE ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH TRIP POINTS
D27F MKS-D27F Datasheet
145Kb / 2P
HEATED (45C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
D28F MKS-D28F Datasheet
145Kb / 2P
HEATED (100째C) DUAL-RANGE ABSOLUTE BARATRON짰 CAPACITANCE MANOMETER
E27F MKS-E27F Datasheet
205Kb / 2P
Heated (45C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
E29F MKS-E29F Datasheet
171Kb / 2P
Heated (45C or 100C) Absolute Baratron capacitance Manometer with Etch Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com