| Electronic Components Datasheet Search |
|
AW2015 Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd |
|
|
|||||||||||||||||||||||||||||
AW2015 Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd |
|
13 / 35 page ![]() AW2015,AW2015A Step. 2017 V1.3 www.awinic.com.cn 13 Copyright © 2015 SHANGHAI AWINIC TECHNOLOGY CO., LTD d) Master sends control register address (8-bit) e) Slave sends acknowledge signal f) Master sends data byte to be written to the addressed register g) Slave sends acknowledge signal h) If master will send further data bytes the control register address will be incremented by one after acknowledge signal (repeat step 6,7) i) Master generates STOP condition to indicate write cycle end 0 A2 A1 A0 A6 A5 A3 A4 A4 A3 A1 A2 A7 A5 A6 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 D5 D4 D2 D3 A0 D6 D7 D1 D0 7 8 0 1 2 3 4 5 6 7 8 SCL SDA Ack Ack Start R/W Stop Device Address Register Address Write Data Ack Figure 6. I2C Write Byte Cycle Read Cycle In a read cycle, the following steps should be followed: a) Master device generates START condition b) Master device sends slave address (7-bit) and the data direction bit (r/w = 0). c) Slave device sends acknowledge signal if the slave address is correct. d) Master sends control register address (8-bit) e) Slave sends acknowledge signal f) Master generates STOP condition followed with START condition or REPEAT START condition g) Master device sends slave address (7-bit) and the data direction bit (r/w = 1). h) Slave device sends acknowledge signal if the slave address is correct. i) Slave sends data byte from addressed register. j) If the master device sends acknowledge signal, the slave device will increase the control register address by one, then send the next data from the new addressed register. k) If the master device generates STOP condition, the read cycle is ended. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |