Electronic Components Datasheet Search
  English  ▼

X  

AW2015 Datasheet(PDF) 21 Page - Shanghai awinic technology co.,ltd

Part # AW2015
Description  3 Channel LED Drivers with Auto Charging Indication
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW2015 Datasheet(HTML) 21 Page - Shanghai awinic technology co.,ltd

Back Button AW2015 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 25Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AW2015,AW2015A
Step. 2017 V1.3
www.awinic.com.cn
21
Copyright © 2015 SHANGHAI AWINIC TECHNOLOGY CO., LTD
REGISTER DESCRIPTION
REGISTER LIST
Addr
(Hex)
Name
W/R
7
6
5
4
3
2
1
0
00
RSTIDR
R
0
0
1
1
0
0
0
1
01
GCR
WR
PWM_F
CHGDIS
CHIPEN
02
STATUS
R
PUIS
-
LS2
LS1
LS0
03
IMAX
WR
-
IMAX
04
LCFG1
WR
-
-
-
-
FADE_OUT
FADE_IN
LEDMD
05
LCFG2
WR
-
-
-
-
FADE_OUT
FADE_IN
LEDMD
06
LCFG3
WR
-
-
-
-
FADE_OUT
FADE_IN
LEDMD
07
LEDEN
WR
-
-
-
-
LED3EN
LED2EN
LED1EN
08
LEDCTR
WR
-
-
SYNC
-
PWMLOG
09
PATRUN
WR
-
STOP3
STOP2
STOP1
-
RUN3
RUN2
RUN1
10
ILED1_1
WR
ILED1_1
11
ILED2_1
WR
ILED2_1
12
ILED3_1
WR
ILED3_1
13
ILED1_2
WR
ILED1_2
14
ILED2_2
WR
ILED2_2
15
ILED3_2
WR
ILED3_2
16
ILED1_3
WR
ILED1_3
17
ILED2_3
WR
ILED2_3
18
ILED3_3
WR
ILED3_3
19
ILED1_4
WR
ILED1_4
1A
ILED2_4
WR
ILED2_4
1B
ILED3_4
WR
ILED3_4
1C
PWM1
WR
PWM1
1D
PWM2
WR
PWM2
1E
PWM3
WR
PWM3
30
PAT1_T1
WR
TRISE
TON
31
PAT1_T2
WR
TFALL
TOFF
32
PAT1_T3
WR
TSLOT
TDELAY
33
PAT1_T4
WR
PATCTR
PATSW
MPULSE
CE4
CE3
CE2
CE1
34
PAT1_T5
WR
REPTIM
35
PAT2_T1
WR
TRISE
TON
36
PAT2_T2
WR
TFALL
TOFF
37
PAT2_T3
WR
TSLOT
TDELAY
38
PAT2_T4
WR
PATCTR
PATSW
MPULSE
CE4
CE3
CE2
CE1
39
PAT2_T5
WR
REPTIM
3A
PAT3_T1
WR
TRISE
TON
3B
PAT3_T2
WR
TFALL
TOFF
3C
PAT3_T3
WR
-
TDELAY
3D
PAT2_T4
WR
PATCTR
PATSW
MPULSE
CE4
CE3
CE2
CE1
3E
PAT3_T5
WR
REPTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com