Electronic Components Datasheet Search
  English  ▼

X  

LM139 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM139
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM139 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM139 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
5
Typical Performance Characteristics LM139/LM239/LM339, LM139A/LM239A/LM339A, LM3302
Supply Current
SUPPLY VOLTAGE (VDC)
00570634
Output Saturation Voltage
IO-OUTPUT SINK CURRENT (mA)
00570636
Response Time for Various Input Overdrives
—Positive Transition
TIME (µsec)
00570638
Input Current
V
+ - SUPPLY VOLTAGE (VDC)
00570635
Response Time for Various Input Overdrives
—Negative Transition
TIME (
µsec)
00570638



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com