Electronic Components Datasheet Search
  English  ▼

X  

LM139 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM139
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM139 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM139 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM139 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
7
Application Hints
The LM139 series are high gain, wide bandwidth devices which, like
most comparators, can easily oscillate if the output lead is
inadvertently allowed to capacitively couple to the inputs via stray
capacitance. This shows up only during the output voltage transition
intervals as the comparator changes states. Power supply
bypassing is not required to solve this problem. Standard PC board
layout is helpful as it reduces stray input-output coupling. Reducing
this input resistors to <10kΩ reduces the feedback signal levels and
finally, adding even a small amount (1 to 10m V) of positive
feedback (hysteresis) causes such a repid transition that oscillations
due to stray feedback are not possible. Simply socketing the IC and
attaching resistors to the pins will cause input-output oscillations
during the small transition intervals unless hysteresis is used. If the
input signal is a pulse waveform, with relatively fast rise and fall
times, hysteresis is not required.
All pins of any unused comparators should be tied to the negative
supply.
The bias network of the LM139 series establishes a drain current
which is independent of the magnitude of the power supply voltage
over the range of from 2 VDC to 30VDC.
It is usually unnecessary to use a bypass capacitor across the
power supply line.
The differential input voltage may be larger than V
+ without
damaging the device. Protection should be provided to prevent the
input voltages from going negative more than –0.3VDC (at 25℃). An
input clamp diode can be used as shown in the applications section.
The output of the LM139 series is the uncommitted collector of a
grounded-emitter NPN output transistor. Many collectors can be tied
together to provide an output OR’ing function. An output pull-up
resistor can be connected to any available power supply voltage
within be permitted supply voltage range and there is no restriction
on this voltage due to the magnitude of the voltage which is applied
to the V
+ terminal of the LM139A package. The output can also be
used as a simple SPST switch to ground (when a pull-up resistor is
not used). The amount of current which the output device can sink is
limited by the drive available (which is independent of V
+) and the
β
of this device. When the maximum current limit is reached
(approximately 16mA), the output transistor will come out of
saturation and the output voltage will rise very rapidly. The output
saturation voltage is limited by the approximately 60Ω RSAT of the
output transistor. The low offset voltage of the output transistor
(1mV) allows the output to clamp essentially to ground level for
small load currents.
Typical Applications (V+ =5.0 VDC)
Basic Comparator
00570603
Driving CMOS
00570604
Driving TTL
00570604
AND Gate
OR Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com