Electronic Components Datasheet Search
  English  ▼

X  

MAX707ESA Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX707ESA
Description  Low-Cost, pervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX707ESA Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MAX707ESA Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MAX705-MAX813L
Low-Cost, µP Supervisory Circuit
www.artschip.com
3
ELECTRICAL CHARACTERISTICS
(Vcc=4.75V to 5.5V for MAX705/MAX707/MAX813L, Vcc=4.5V to 5.5V for MAX706/MAX708, TA=TMIN to TMAX unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX70_C
1.0
5.5
MAX813LC
1.1
5.5
Operating Voltage Range
Vcc
MAX70_E/M,MAX813LE/M
1.2
5.5
V
MAX705C,MAX706C,MAX813LC
150
350
MAX705E/M,MAX706E/M,MAX813LE/M
150
500
MAX707C,MAX708C
50
350
Supply Current
ISUPPLY
MAX707E/M,MAX708E/M
50
500
µA
MAX705,MAX707,MAX813L
4.50
4.65
4.75
Reset Threshold (Note 2)
VRT
MAX706,MAX708
4.25
4.40
4.50
V
Reset
Threshold
Hysteresis
(Note2)
40
mV
Reset Pulse Width (Note 2)
tRS
140
200
280
ms
ISOURCE =800µA
Vcc-1.5
ISINK=3.2mA
0.4
MAX70_C, Vcc=1V, ISINK=50µA
0.3
RESET Output Voltage
MAX70_E/M, Vcc=1.2V, ISINK=100µA
0.3
V
MAX707, MAX708,ISOURCE=800µA
Vcc-1.5
MAX707,MAX708,ISINK=1.2mA
0.4
MAX813LC, ISOURCE=4µA, Vcc=1.1V
0.8
MAX813LE/M, ISOURCE=4µA, Vcc=1.2V
0.9
ISOURCE=800µA
Vcc-1.5
RESET Output Voltage
MAX813L
ISINK=3.2mA
0.4
V
Watchdog Timeout Period
tWD
MAX705, MAX706,MAX813L
1.00
1.60
2.25
sec
WDI Pulse Width
tWP
VIL=0.4V, VIH – (Vcc)(0.8)
50
ns
Low
0.8
WDI Input Threshold
High
MAX705, MAX706, MAX813L,
Vcc=5V
3.5
V
MAX705, MAX706,MAX813L ,WDI=Vcc
50
150
WDI Input Current
MAX705, MAX706,MAX813L,WDI=0V
-150
-50
µA
MAX705,MAX706,MAX813L,
ISOURCE=800µA
Vcc-1.5
WDO Output Voltage
MAX705,MAX706,MAX813L,
ISINK=1.2mA
0.4
V
MR Pull-Up Current
MR=0V
100
250
600
µA
MR Pulse Width
tMR
150
ns
Low
0.8
MR Input Threshold
High
2.0
V
MR to Reset Out Delay (Note 2)
tMD
250
ns
PFI Input Threshold
Vcc=5V
1.20
1.25
1.30
V
PFI Input Current
-25.00
0.01
25.00
nA
ISOURCE =800µA
Vcc-1.5
PFO Output Voltage
ISINK=3.2mA
0.4
V
Note 2: Applies to both RESET in the MAX705-MAX708 and RESET in the MAX707/MAX708/MAX813L.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com