Electronic Components Datasheet Search
  English  ▼

X  

MAX707ESA Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX707ESA
Description  Low-Cost, pervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX707ESA Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button MAX707ESA Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MAX705-MAX813L
Low-Cost, µP Supervisory Circuit
www.artschip.com
6
Figure 1. MAX705/MAX706/MAX813L Block Diagram
Figure 2. MAX707/MAX708 Block Diagram
Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a known
state, whenever the µP is in an unknown state. it should be
held in reset. The MAX705-MAX708/MAX813L assert reset
during power-up and prevent code execution errors during
power-down or brownout conditions.
On power-up, once Vcc reaches 1V, RESET is a guaranteed
logic low of 0.4V or less. AS Vcc rises, RESET stays low.
When Vcc rises above the reset threshold, an internal timer
releases RESET after about 200ms. RESET pulses low
whenever Vcc dips below the reset threshold, i.e. brownout
condition. If brownout occurs in the middle of a previously
initiated reset pulse, the pulse continues for at least another
140ms. On power-down, Once Vcc falls below the reset
threshold, RESET stays low and is guaranteed to be 0.4V or
less until Vcc drops below 1V.
The MAX707/MAX708/MAX813L active-high RESET output is
simply the complement of the RESET output, and is
guaranteed to be valid with Vcc down to 1.1V. Some µPs,
such as Intel’s 80C51, require an active-high reset pulse.
Watchdog Timer
The MAX705/MAX706/MAX813L watchdog circuit monitors
the µP’s activity. If the µP does not toggle the watchdog input
(WDI) within 1.6sec and WDI is not three-stated, WDO goes
low. As long as RESET is asserted or the WDI input is
three-stated, the watchdog time will stay cleared and will not
count. As soon as reset is released and WDI is driven high or
low, the timer will start counting. Pulse as short as 50ns can
be detected.
Typically, WDO will be connected to the non-maskable
interrupt input (NMI) of a µP. When Vcc drops below the reset
threshold, WDO will go low whether or not the watchdog timer
has timed out yet. Normally this would trigger an NMI interrupt,
but RESET goes low simultaneously, and thus overrides the
NMI interrupt.
If WDI is left unconnected, WDO can be used as a low line
output. Since floating WDI disables the internal timer, WDO
goes low only when Vcc falls below the reset threshold, thus
functioning as a low-line output.
The MAX705/MAX706 have a watchdog timer and a RESET
output. The MAX707/MAX708 have both active high and
active-low reset outputs. The MAX813L has both an
active-high reset output and a watchdog timer.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a
pushbutton switch. The switch is effectively debounced by the
140ms minimum reset pulse width. MR is TTL/CMOS logic
compatible, so it can be driven by an external logic line. MR
can be used to force a watchdog timeout to generate a reset
pulse in the MAX705/MAX706/MAX813L. Simply connect
WDO to MR.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com