Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 16 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 16 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 18Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 19Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 16 页 共 19 页
 SC36122-13
1) 按键码如下表所示:
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K2
1C
K3
17
10
K4
2A
0E
30
K5
2B
1E
1F
08*
K6
01*
02*
03*
09*
12
K7
14
0B
11
0B*
08
09
K8
16
1B
1A
18
15
0C
95
K9
13
22
27
81
43
44
24
26
K10
00
01
02
03
0A
47
48
60
61
K11
63
4C
4D
C0
4F
71
72
52
53
54
GND
55
85
57
C1
39
79
C2
C3
19
21
20
2) 用户码如下表所示:
编号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8号
9号
10 号
11号
CS 脚
接至
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
用户码
FB04
916E
BF40
1000
FB04
F708
AF50
00FF
FB04
916E
FB04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com