Electronic Components Datasheet Search
  English  ▼

X  

SC3 Datasheet(PDF) 18 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3
Description  16 PIN Remote Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3 Datasheet(HTML) 18 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 18Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3 Datasheet HTML 19Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3 系列(文件编号:S&CIC0955)
16 PIN 遥控器 IC
第 18 页 共 19 页
 SC3JVC-4
1) 按键码如下表所示:
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
K2
10#
K3
11#
05
K4
00
0B
17
K5
7A
03
06
92
K6
21
22
23
24
07
K7
25
26
27
28
0D
B4
K8
29
20
9D
04
90
91
47
K9
5B
7C
5A
79
2A
2B
2C
42
K10
13
7B
99
1C
06*
04*
02*
4E
73
K11
18
19
1F
1E
11*
09*
82
85
8A
78
GND
0A
13*
2C&
15*
30*
32*
3C*
3D*
3E*
3F*
23*
2) 用户码如下表所示:
编号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
11 号
CS 脚
接至
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
用户码
03
23
43
0F
EF
83
A3
B3
93
2F
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com