Electronic Components Datasheet Search
  English  ▼

X  

QBR Datasheet(PDF) 13 Page - DATEL, Inc.

Part # QBR
Description  Quarter-Brick Up to 100 Watts DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

QBR Datasheet(HTML) 13 Page - DATEL, Inc.

Back Button QBR Datasheet HTML 7Page - DATEL, Inc. QBR Datasheet HTML 8Page - DATEL, Inc. QBR Datasheet HTML 9Page - DATEL, Inc. QBR Datasheet HTML 10Page - DATEL, Inc. QBR Datasheet HTML 11Page - DATEL, Inc. QBR Datasheet HTML 12Page - DATEL, Inc. QBR Datasheet HTML 13Page - DATEL, Inc. QBR Datasheet HTML 14Page - DATEL, Inc. QBR Datasheet HTML 15Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
September 18 2017 B.03
QBR SERIES Quarter-Brick
Up to 100 Watts DC-DC Converter
EMI and conducted noise meet EN55022 Class B
Class B test conducted for QBR113S3.3-25
Class B test conducted for QBR113-5-20
Class B test conducted for QBR113S12-8.4
Class B test conducted for QBR113S24-4.2
(2) EMI Test standard: EN50121-3-2 (EN55011 Class A Conducted & Radiated Emission)
Test Condition: Input Voltage: Nominal, Output Load: Full Load
Model No.
D1
C1
C2
C3
C4
L1
L2
QBR113S5-20
1.5KE180A Littlefuse 220µF/200V YXF 220µF/200V YXF
2200pF
2200pF
5uH
0.33mH
QBR113S12-8.4
1.5KE180A Littlefuse 220µF/200V YXF 220µF/200V YXF
2200pF
2200pF
5uH
0.33mH
QBR113S24-4.2
1.5KE180A Littlefuse 220µF/200V YXF 220µF/200V YXF
2200pF
2200pF
5uH
0.33mH
Note: C1, C2 Aluminum Capacitors and C3, C4 Ceramic Capacitors
Class A test conducted for QBR101S12-5
Page
13 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com