Electronic Components Datasheet Search
  English  ▼

X  

QBR Datasheet(PDF) 2 Page - DATEL, Inc.

Part # QBR
Description  Quarter-Brick Up to 100 Watts DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

QBR Datasheet(HTML) 2 Page - DATEL, Inc.

  QBR Datasheet HTML 1Page - DATEL, Inc. QBR Datasheet HTML 2Page - DATEL, Inc. QBR Datasheet HTML 3Page - DATEL, Inc. QBR Datasheet HTML 4Page - DATEL, Inc. QBR Datasheet HTML 5Page - DATEL, Inc. QBR Datasheet HTML 6Page - DATEL, Inc. QBR Datasheet HTML 7Page - DATEL, Inc. QBR Datasheet HTML 8Page - DATEL, Inc. QBR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
September 18 2017 B.03
QBR SERIES Quarter-Brick
Up to 100 Watts DC-DC Converter
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
Model
Min.
Typical
Max.
Units
Input Voltage
Continuous
DC
All
-0.3
160
Volts
Transient
100 ms, DC
All
180
Volts
Operating Case Temperature
All
-40
+100
°C
Storage Temperature
All
-55
+105
°C
Isolation Voltage
1 minute; input/output, input/case, DC
All
2250
Volts
1 minute; output/case, DC
All
1500
Stresses above the absolute maximum ratings can cause permanent damage to the device.
FUNCTIONAL SPECIFICATIONS
The following specifications apply over the operating temperature range, under the following conditions TA = +25°C unless otherwise specified
INPUT CHARACTERISTICS
PARAMETER
CONDITIONS
Model
Min.
Typical
Max.
Units
Operating Input Voltage
DC
All
66
110
160
Volts
Input Under-voltage Lockout
Turn-On Voltage Threshold
DC
All
60
62
64
Volts
Turn-Off Voltage Threshold
DC
All
54
56
58
Volts
Lockout Hysteresis Voltage
DC
All
6
Volts
Maximum Input Current
100% Load, Vin= 66V
All
1700
mA
No-Load Input Current
Vin=Nominal
Vo=3.3V
Vo=5.0V
Vo=12V
Vo=24V
40
30
40
60
mA
Inrush Current (I2t)
All
0.1
A2s
Input Reflected Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
All
30
mA
OUTPUT CHARACTERISTICS
PARAMETER
CONDITIONS
Device
Min.
Typical
Max.
Units
Output Voltage Set Point
Vin=Nominal Vin, Io = Io_max, Tc=25°C
DC
Vo=3.3 V
3.2505
3.3
3.3495
Volts
Vo=5.0 V
4.925
5
5.075
Vo=12 V
11.82
12
12.18
Vo=24 V
23.64
24
24.36
Output Voltage Regulation
Load Regulation
Io=Io_min to Io_max
All
±0.2
%
Line Regulation
Vin=low line to high line
All
±0.2
%
Temperature Coefficient
TC=-40°C to 100°C
All
±0.03
%/°C
Output Voltage Ripple and Noise (5Hz to 20MHz bandwidth)
Peak-to-Peak
Full load, 10µF tantalum and 1.0uF
ceramic capacitors
Vo=3.3V
100
mV
Vo=5V
100
Vo=12V
150
Vo=24V
240
Page
2 of 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com