Electronic Components Datasheet Search
  English  ▼

X  

SC202F Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 3Page - Semtech Corporation SC202F Datasheet HTML 4Page - Semtech Corporation SC202F Datasheet HTML 5Page - Semtech Corporation SC202F Datasheet HTML 6Page - Semtech Corporation SC202F Datasheet HTML 7Page - Semtech Corporation SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SC202F
7
Typical Characteristics (continued)
VID Transition: Voltage Rise, CTL2 Low to High
Time (10us/div)
500mA/div
5V/div
2V/div
VID Transition - Voltage Fall, CTL2 High to Low
Time (10us/div)
5V/div
Approaching 100 % Duty Cycle Operation
Vin=3.7V, Vout=3.3V Heavy Load
Time (1μs/div)
50mV/div
500mA/div
0A to 200mA Load Step Response
Time (100μs/div)
500mA/div
50mV/div
5V/div
5V/div
2V/div
5V/div
500mA/div
5V/div
1A/div
5V/div
2V/div
Short Circuit Protection:Current Limit for
32 Cycles then to Foldback I-Limit
Time (4μs/div)
Recovery From Short Circuit: Operating with
Foldback I-Limit Ramp up Vout to Regulation
1A/div
5V/div
2V/div
Time (10μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com