Electronic Components Datasheet Search
  English  ▼

X  

SC202F Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC202F
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202F Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC202F Datasheet HTML 8Page - Semtech Corporation SC202F Datasheet HTML 9Page - Semtech Corporation SC202F Datasheet HTML 10Page - Semtech Corporation SC202F Datasheet HTML 11Page - Semtech Corporation SC202F Datasheet HTML 12Page - Semtech Corporation SC202F Datasheet HTML 13Page - Semtech Corporation SC202F Datasheet HTML 14Page - Semtech Corporation SC202F Datasheet HTML 15Page - Semtech Corporation SC202F Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SC202F
12
start time shorter.
Over-Voltage Protection
Over-voltage protection ensures the output voltage does
not rise to a level that could damage its load. When V
OUT
exceeds the regulation voltage by 15%, the PWM drive is
disabled. Switching does not resume until V
OUT
has fallen
below the regulation voltage by 2%.
Current Limit
The SC202F switching stage is protected by a current limit
function. If the output load exceeds the PMOS current
limit for 32 consecutive switching cycles, the device enters
fold-back current limit mode and the output current is
limited to approximately 150mA. Under these conditions,
the output voltage will be the product of I
FB-LIM
and the load
resistance. The load must fall below I
FB-LIM
for the device to
exit fold-back current limit mode. This function makes the
device capable of sustaining an indefinite short circuit on
its output under fault conditions.
Thermal Shutdown
The SC202F has a thermal shutdown feature to protect the
device if the junction temperature exceeds 160°C. During
thermal shutdown, the PMOS and NMOS switches are
both disabled, tri-stating the LX output. When the junc-
tion temperature drops by the hysteresis value (20°C), the
device goes through the soft-start process and resumes
normal operation.
Under-Voltage Lockout
UVLO (Under-Voltage Lockout) activates when the supply
voltage drops below the falling UVLO threshold. This pre-
vents the device from entering an ambiguous state in
which regulation cannot be maintained. Hysteresis of
approximately 200mV is included to prevent chattering
near the threshold.
C
OUT Selection
The internal voltage loop compensation in the SC202F
limits the minimum output capacitor value to 10μF. This
is due to its influence on the loop crossover frequency,
phase margin, and gain margin. Increasing the output
Applications Information (continued)
capacitor above this minimum value will reduce the cross-
over frequency and provide greater phase margin.
Capacitors with X7R or X5R ceramic dielectric are recom-
mended for their low ESR and superior temperature and
voltage characteristics. Y5V capacitors should not be used
as their temperature coefficients make them unsuitable
for this application.
In addition to ensuring stability, the output capacitor
serves other important functions. This capacitor deter-
mines the output voltage ripple — as capacitance
increases, ripple voltage decreases. It also supplies current
during a large load step for a few switching cycles until
the control loop responds (typically 3 switching cycles).
Once the loop responds, regulation is restored and the
desired output is reached. During the period prior to PWM
operation resuming, the relationship between output
voltage and output capacitance can be approximated
using the equation
f
V
I
3
C
DROOP
LOAD
OUT
This equation can be used to approximate the minimum
output capacitance needed to ensure voltage does not
droop below an acceptable level. For example, a load step
from 50mA to 400mA requiring droop less than 50mV
would require the minimum output capacitance to be
F
0
.
6
10
5
.
3
05
.
0
4
.
0
3
C
6
OUT
In this example, using a standard 10μF capacitor would be
adequate to keep voltage droop less than the desired
limit. Note that if the voltage droop limit were decreased
from 50mV to 25mV, the output capacitance would need
to be increased to at least 12μF (twice as much capaci-
tance for half the droop). Capacitance will decrease from
the nominal value when a ceramic capacitor is biased with
a DC current, so it is important to select a capacitor whose
value exceeds the necessary capacitance value at the pro-
grammed output voltage. Check the manufacturer’s
capacitance vs. DC voltage graphs when selecting an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com