Electronic Components Datasheet Search
  English  ▼

X  

SC1592M Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1592M
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592M Datasheet(HTML) 1 Page - Semtech Corporation

  SC1592M Datasheet HTML 1Page - Semtech Corporation SC1592M Datasheet HTML 2Page - Semtech Corporation SC1592M Datasheet HTML 3Page - Semtech Corporation SC1592M Datasheet HTML 4Page - Semtech Corporation SC1592M Datasheet HTML 5Page - Semtech Corporation SC1592M Datasheet HTML 6Page - Semtech Corporation SC1592M Datasheet HTML 7Page - Semtech Corporation SC1592M Datasheet HTML 8Page - Semtech Corporation SC1592M Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SC1592M
Low Dropout High Performance
Adjustable Positive Voltage Regulator
HIGH-RELIABILITY PRODUCTS
Rev 2.1
1
Features
Wide input range, VIN = 1.25V to 16V
VCNTL = 3V to 16V
3A guaranteed output current
260mV (typ.) @ 3A dropout voltage in dual supply
mode
1% initial accuracy
Adjustable output voltage down to 0.8V
Programmable current limiting with thermal
shutdown
Fast transient response
Excellent line and load regulation
Military temperature range: -55°C to + 125°C
The SC1592 voltage regulator is available in SOIC-8L
EDP package
Pb-free, halogen free, RoHS / WEEE compliant
Description
The SC1592 is a 3A low dropout high performance linear
voltage regulator that provides a low voltage, high current
output with a minimum of external components, utilizing
dual supply configuration.
The SC1592 offers a wide input voltage range from 1.25V to
16V and is ideal for applications that need to convert down
to 0.8V.
Additionally, the SC1592 is fully protected with an
externally programmable current limit, and thermal
shutdown. Also, there is an EN input which enables or shuts
down the device.
Applications
Low voltage logic supplies
Microcontroller supplies
Post regulation
Typical Application Circuit
+2.5V VIN
+3.3V VCNTL
+1.8V VOUT
CNTL
IN
EN
GND
ILIM
SENSE
OUT
SC1592M
TTL
C1
1µF
C2
10µF
R1
100
R2
66.5
R3
53
C3
47µF
.
8
.
0
3
2
1
typ
V
V
V
R
R
V
REF
REF
OUT
=
•
 +
=


Similar Part No. - SC1592M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1592 SEMTECH-SC1592 Datasheet
292Kb / 18P
Low Dropout High Performance Adjustable Positive Voltage Regulator
SC1592EVB SEMTECH-SC1592EVB Datasheet
292Kb / 18P
Low Dropout High Performance Adjustable Positive Voltage Regulator
SC1592IMTR SEMTECH-SC1592IMTR Datasheet
292Kb / 18P
Low Dropout High Performance Adjustable Positive Voltage Regulator
SC1592ISTR SEMTECH-SC1592ISTR Datasheet
292Kb / 18P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
More results

Similar Description - SC1592M

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Semtech Corporation
SC1592 SEMTECH-SC1592 Datasheet
292Kb / 18P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com