Electronic Components Datasheet Search
  English  ▼

X  

SC1592M Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1592M
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592M Datasheet(HTML) 2 Page - Semtech Corporation

  SC1592M Datasheet HTML 1Page - Semtech Corporation SC1592M Datasheet HTML 2Page - Semtech Corporation SC1592M Datasheet HTML 3Page - Semtech Corporation SC1592M Datasheet HTML 4Page - Semtech Corporation SC1592M Datasheet HTML 5Page - Semtech Corporation SC1592M Datasheet HTML 6Page - Semtech Corporation SC1592M Datasheet HTML 7Page - Semtech Corporation SC1592M Datasheet HTML 8Page - Semtech Corporation SC1592M Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SC1592M
Rev 2.1
2
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Parameter
Symbol
Maximum
Units
Power Input Voltage
VIN
18
V
Control Input Voltage
VCNTL
18
V
Output Current
IOUT
5
A
Power Dissipation
PD
Internally limited
W
Thermal Resistance Junction to Ambient
ƟJA
36.5
°C/W
Thermal Resistance Junction to Case
ƟJC
5.5
°C/W
Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering) 10 sec.
TLEAD
300
°C
ESD Rating (Human Body Model)
ESD
2
kV
Electrical Characteristics
Unless otherwise specified: VIN = 2.5V, VEN = VCNTL = 3.3V, VOUT = 1.8V, IOUT = 10mA, RLIM = 100Ω, TJ = TA = 25°C
Values in bold indicate -55°C < TJ < +125°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Control Voltage
VCNTL
VOUT = VREF
3
16
V
Reference Voltage
VREF
VOUT = VREF
792
800
808
mV
Control Pin Current
ICNTL_EN
VCNTL = VIN = VEN = 16
VOUT = VREF; IOUT = 0A
3
8
mA
VCNTL = VIN = VEN = 16
VOUT = VREF; IOUT = 3A
24
Control Pin Current in
Shutdown
ICNTL_DIS
VCNTL = VIN = 16,
VEN = 0V
1
5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com