Electronic Components Datasheet Search
  English  ▼

X  

SC4032 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC4032
Description  Three-button multi-function pedometer (with high frequency and weight function)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC4032 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC4032 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC4032 (文件编号:S&CIC0659)
三键多功能计步器(带高频距和体重功能)
第 2 页 共 5 页
当速度大于 140 步/分,计 30%的距离&卡路里。
自动关机,约 1 分 40 秒无任何操作则自动关机。
三、
LCD 逻辑图
3V
1/4Duty
1/3Bias
LCD
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IC
Pin
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
C3
C2
C1
C0
P2
cals
5a
4a
3a
2a
1a
C3
km
5b
5f
4b
4f
3b
3f
2b
2f
1b
1f
C2
mile
5g
5e
4g
4e
3g
3e
2g
2e
1g
1e
C1
P1
5c
5d
4c
4d
3c
3d
2c
2d
1c
1d
C0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com