Electronic Components Datasheet Search
  English  ▼

X  

SC4032 Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC4032
Description  Three-button multi-function pedometer (with high frequency and weight function)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC4032 Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC4032 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC4032 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC4032 (文件编号:S&CIC0659)
三键多功能计步器(带高频距和体重功能)
第 5 页 共 5 页
六、 电路原理图
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
10-Dec-2008
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC4032.ddb
Drawn By :
IC衬底接VSS
1
2
JP1
VCC
1.5V*1
C4
104
2M
C4
104
VCM
VCP
C3
104
VCC
LXIN
LXOUT
BZB
BZ
RST-EXTB
TEST
VPP
VSS
SEG6
SEG7
SEG8
P1<5>
P1<6>
P1<8>
Pin1
Pin16
LCD PANEL
4Com*12Seg, 1/4 duty, 1/3 bias
front & face
103P
*邦到地,英制单位。
5.1K
注:P1<3>脚 103P 电容为触发灵敏度调节。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com