Electronic Components Datasheet Search
  English  ▼

X  

MF1 Datasheet(PDF) 4 Page - MKS Instruments.

Part # MF1
Description  Compact, General purpose MFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MF1 Datasheet(HTML) 4 Page - MKS Instruments.

  MF1 Datasheet HTML 1Page - MKS Instruments. MF1 Datasheet HTML 2Page - MKS Instruments. MF1 Datasheet HTML 3Page - MKS Instruments. MF1 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Electrical Interfaces
*
Onlyavailableforfittingtypes4VCR,1/4''Swagelok,and6mmSwagelok
** NotinconjunctionwithsealmaterialFFKM
*** NotforFullScalerangeslargerthan10000sccmN
2equivalent
± 15 VDC Supply
Pin
1
Valve Override
2
Flow Signal
3
+15V
4
Power Ground
5
-15V
6
Set Point Signal
7
Signal Ground
8
reserved
9
reserved
Pinout Analog 9 Pin Sub D —
InterfaceOption”A”
forsupplyvoltage/analogSignal
Connector:9-pinD-Sub
+24 VDC Supply
Pin
1
Valve Override
2
Flow Signal
3
+24V
4
Signal Ground
5
Power Ground
6
Set Point Signal
7
Signal Ground
8
reserved
9
reserved
(no configuration necessary)
± 15 VDC Supply
Pin
1
reserved
2
Flow Signal
3
Valve Close
4
Valve Open
5
Power Ground
6
-15V
7
+15V
8
Set Point Signal
9
NC
10
NC
11
Signal Ground
12
Signal Ground
13
NC
14
NC
15
Chassis
+24 VDC Supply
Pin
1
reserved
2
Flow Signal
3
Valve Close
4
Valve Open
5
Signal Ground
6
Power Ground
7
+24V
8
Set Point Signal
9
NC
10
NC
11
Signal Ground
12
Signal Ground
13
NC
14
NC
15
Chassis
Pinout Analog 15 Pin Sub-D—
InterfaceOption”B”
forsupplyvoltage/analogSignal
Connector:15-pinD-Sub
Pin
1
NC
2
NC
3
RXD/TXD -P
4
CNTR-P
5
DGND
6
VP
7
NC
8
RXD/TXP-N
9
NC
Pinout PROFIBUS —
InterfaceOption“4/P”
PROFIBUS-DPInterface
Connector:9-pin
D-Subsocket
Ordering Code Example: MF1C01311CRAV0
Code
MF1
MF1
Variants
Controller (standard MF1 length) with All-Metal Sensor
C
Controller (length compatible to 1179A/B)
K* (on request)
Meter (standard MF1 length) with All-Metal Sensor
M
Meter (length compatible to 179A/B)
W* (on request)
Gas To Be Calibrated For (SEMI Gas Code), other options on request
N
2
013
He
001
Ar
004
H
2
007
Air
008
O
2
015
Full Scale Range of Calibrated Gas with Flow Unit (maximum 50000 sccm / 50 slm N
2 equivalent)
10 sccm
11C
20 sccm
21C
50 sccm
51C
100 sccm
12C
200 sccm
22C
500 sccm
52C
1000 sccm
13C
2000 sccm
23C
5000 sccm
53C
10000 sccm
14C
20000 sccm
24C**
30000 sccm
34C**
50000 sccm
54C**
10 slm (not for analog versions)
11L
20 slm (not for analog versions)
21L**
30 slm (not for analog versions)
31L**
50 slm (not for analog versions)
51L**
Fittings (compatible with)
4 VCR male
R
1/4’’ Swagelok
S
1/8’’ Swagelok
P
4 VCO male
G (on request)
6 mm Swagelok
M
DN 16 KF
D
MKS Surface Mount
on request
Interface
Analog, 9-pin D-Sub male
A
Analog, 15-pin D-Sub male
B
PROFIBUS-DPV0, 9-pin D-Sub female
4
PROFIBUS-DPV1, 9-pin D-Sub female
P
Modbus, RS485, 9-pin D-Sub male
M
USB
U
EtherCAT
T
PROFINET
F
Modbus TCP, RJ45
L
Seal Materials
FKM (Plug = 70 FKM 576, Sealing = FKM1170)
V
NBR (Plug = 70 NBR 150, Sealing = 70 NBR)
B (on request)
FFKM (Plug = 75 Simriz 484, Sealing = FFPM/FFKM)
K*** (on request)
Extras / Options Meaning of Extension Behind
No Extras
0
Firmware Revision
Specials
SSS
Special Number
Initial Configuration File Supplied
C
Filename
Optional Accessories
1-Channel Power Supply and Readout Unit with RS232
PR4000B-S2V2
2-Channel Power Supply and Readout Unit with RS232
PR4000B-F2V2
4-Channel Power Supply and Readout Unit with RS232
647C4R1N
8-Channel Power Supply and Readout Unit with RS232
647C8R1N
Cabling for MF1
To connect MF1 with analog process interface to PR4000, 647, 247D, 246
CBE147-12-3M
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Flow Solutions
Six Shattuck Road
Andover, MA 01810
Tel:
978.975.2350
MKS Instruments
Deutschland GmbH
Schatzbogen 43,
D-81829 München
Tel: +49 (0) 89 42 00 08 0
Fax: +49 (0) 89 42 41 06
MF1 - 1/2018
© 2013-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice. mksinst™ is a trademark of MKS Instruments, Inc., Andover, MA.
Swagelok®, VCR® and VCO® are registered trademarks of Swagelok Marketing Co., Solon, OH. EtherCAT® is a registered
trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany. PROFIBUS® and PROFINET® are
registered trademarks of PROFIBUS and PROFINET International (PI), Karlsruhe, Germany. Windows® is a registered
trademark of Microsoft Corporation, Redmond, WA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com