Electronic Components Datasheet Search
  English  ▼

X  

P4B Datasheet(PDF) 3 Page - MKS Instruments.

Part # P4B
Description  Multi-gas/Multi-range Mass Flow Contro ller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P4B Datasheet(HTML) 3 Page - MKS Instruments.

  P4B Datasheet HTML 1Page - MKS Instruments. P4B Datasheet HTML 2Page - MKS Instruments. P4B Datasheet HTML 3Page - MKS Instruments. P4B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Dimensional Drawing — Analog 9 Pin D, 15-Pin D, RS-485 and DeviceNet™
Note: Unless specified, dimensions are nominal values in inches (mm referenced). Dimensions shown are for normally closed valve configuration.
For normally open valve configuration dimensions, contact MKS.
Dimensional Drawing
digital i/O
digital i/O
devicenet™
RS-485
input Power Required
+11 to +25 VDC per
+15 to +24 VDC @ 350mA max
DeviceNet specification (@ <3.5 watts)
Connector
5 pin microconnnector (DeviceNet)
9 pin Type D male
data Rate Switch
4 positions: 125, 250, 500K (Default),
3 positions: 9.6, 19.2, 38.4K (Default)
PGM (programmable over the network)
data Rate/network length
Data rate (user selectable)
Data rate (user selectable)
125 Kbps, 500 meters (1,640 feet)
9.6 Kbps, 1200 meters (4,000 feet)
250 Kbps, 250 meters (820 feet)
19.2 Kbps, 1200 meters (4,000 feet)
500 Kbps, 100 meters (328 feet)
38.4 Kbps, 1200 meters (4,000 feet)
MaC id Switches
2switches,10positions;0,0to6,3are
2switches,10positions;0,0to9,9.
hardwareIDnumbers;7,0to9,9are
AvailableMACID’sare3,2to9,9.
softwareIDnumbers;(6,4to6,9are
unused and, if selected will default to
hardware ID number 6,3)
network Size
Up to 64 nodes
Up to 32 nodes
network Topology
Linear (trunkline/dropline) power and signal
Master/slave
on same network cable
Visual Communication indicators
LED network status (green/red)
LED network status (green/red)
LED module status (green/red)
LED module status (green/red)
Scrolling LED displays (MFC Type,
Scrolling LED displays (MFC Type,
Flow Full Scale, Gas Type, IP address,
Flow Full Scale, Gas Type, IP address,
Instance Number (1 to 31)
Instance Number (1 to 31)
Compliance
CE
CE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com