Electronic Components Datasheet Search
  English  ▼

X  

P4B Datasheet(PDF) 1 Page - MKS Instruments.

Part # P4B
Description  Multi-gas/Multi-range Mass Flow Contro ller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

P4B Datasheet(HTML) 1 Page - MKS Instruments.

  P4B Datasheet HTML 1Page - MKS Instruments. P4B Datasheet HTML 2Page - MKS Instruments. P4B Datasheet HTML 3Page - MKS Instruments. P4B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P4B
MUlTi-GaS/MUlTi-RanGE MaSS FlOw COnTROllER
FOR FaST and aCCURaTE COnTROl OF CRiTiCal
PROCESS GaSES
The MKS, model P4B MFC, is the next generation of MKS multi-gas/multi-range MFC
for critical process gas flow control. The device uses the latest in electronics and valve
components enabling it to meet the most critical of process gas flow control requirements.
The performance capabilities of the P4B are quickly apparent where short process steps
are required given the sub 750 millisecond control times and accuracy to within 1% of set
point. This performance extends over the range of process gases, whether “light” gases
such as helium or “heavy” gases like SF6. The P4B is a true multi-range/multi-gas MFC that
enables the user to have confidence in this device’s capability and minimize MFC inventory
requirements.
Utilization of the multi-gas/multi-range capability is made simple through the device’s
embedded software and standard Ethernet interface that requires no special software, only
a standard web browser and a PC. Already stored on the device are critical gas parameters
for most of the gases in use today by the semiconductor industry. It is a simple matter of
selecting the gas and specifying the range to configure the device. Through this interface the
user can also perform device monitoring diagnostics while the device is operating.
Features & Benefits
Superior Performance
• Fastresponsetosetpointreducesflow
stabilization time for short process steps
and process control
• Tightlycontrolledflowaccuracyof
process gas enables improved chamber
process matching
Reduces Overall Costs
• ReducesMFCinventorythroughits
multi-gas/multi-range capability
• Accurateflowcontroloverawide
dynamic range, even when down ranged,
reduces need for an additional low
range MFC
Easy to Integrate and Operate
• Embeddedconfigurationanddiagnostics
software that allows the user to check
MFC functionality without device removal
from the tool
• Usesastandardwebbrowser;nospecial
software required
• Easyviewingofflowrate,gastypeand
Full Scale flow with its bright, self
orienting LED display


Similar Part No. - P4B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P4B MEANWELL-P4B Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
Shindengen Electric Mfg...
P4B40HP2 SHINDENGEN-P4B40HP2 Datasheet
180Kb / 4P
Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
P4B40HP2 DOINGTER-P4B40HP2 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
P4B40HP2 ISC-P4B40HP2 Datasheet
353Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
P4B60HP2 DOINGTER-P4B60HP2 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - P4B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
MEMS Mass Flow Sensor
logo
MKS Instruments.
1179C MKS-1179C Datasheet
259Kb / 4P
General Purpose Mass-Flo Contro ller
GE250A MKS-GE250A Datasheet
258Kb / 4P
MULTI-GAS/MULTI-RANGE MASS FLOW CONTROLLER FLOW RATES UP TO 250 SLM
GE300A MKS-GE300A Datasheet
265Kb / 4P
MULTI-GAS/MULTI-RANGE MASS FLOW CONTROLLER FLOW RATES UP TO 300 SLM
IE500A MKS-IE500A Datasheet
256Kb / 4P
INDUSTRIAL MASS FLOW CONTROLLER, FLOW RATES UP TO 1000 SLM, IP66 RATED, MULTI-GAS/MULTI-RANGE
P2A MKS-P2A Datasheet
266Kb / 4P
Mass Flow Contro ller for Ion ImplanT Applicatiotions
P9B MKS-P9B Datasheet
323Kb / 4P
Pressure Insensitive, Multi-gas/Multi-range Mass Flow Contro ller
P250A MKS-P250A Datasheet
329Kb / 4P
Multi-gas/Multi-range Mass Flow Contro ller for Flow rates up to 250 slm
MULTIGASTFS MKS-MULTIGASTFS Datasheet
127Kb / 2P
MULTI-COMPONENT ONLINE GAS ANALYZER
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com