Electronic Components Datasheet Search
  English  ▼

X  

MMBT8550 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MMBT8550
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MMBT8550 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MMBT8550 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
ORDERING INFORMATION
SOT−23
1
2
3
MMBT8550
WWW.ARTSCHIP.COM
Device
Package
Shipping†
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT −23
(Pb−Free)
3000 / Tape & Reel
MMBT8550
COLLECTOR
3
1
BASE
2
EMITTER
LOW VOLTAGE HIGH
CURRENT SMALL SIGNAL
PNP TRANSISTOR
DESCRIPTION
The MMBT8550 is a low voltage high current small signal
PNP transistor, designed for Class B push-pull audio amplifier
and general purpose applications.
FEATURES
*Collector current up to 1000mA
*Collector-Emitter voltage up to 25 V
*Complimentary to MMBT8050


Similar Part No. - MMBT8550

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT8550 SEMTECH_ELEC-MMBT8550 Datasheet
82Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
Kingtronics Internation...
MMBT8550 KINGTRONICS-MMBT8550 Datasheet
436Kb / 2P
For switching and amplifier applications
logo
Nanjing International G...
MMBT8550 DGNJDZ-MMBT8550 Datasheet
62Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Bytesonic Electronics C...
MMBT8550 BYTESONIC-MMBT8550 Datasheet
416Kb / 3P
PNP Silicon Epitaxial Planar Transistor
2018/7/3
logo
Dongguan Pingjingsemi T...
MMBT8550 PJSEMI-MMBT8550 Datasheet
609Kb / 3P
PNP Transistor
More results

Similar Description - MMBT8550

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S8550 UTC-S8550 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_05 Datasheet
56Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8550 UTC-HE8550_10 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
HE8551 UTC-HE8551_11 Datasheet
178Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
8550S UTC-8550S_10 Datasheet
188Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
E-Tech Electronics LTD
G8551S ETL-G8551S Datasheet
161Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
logo
Unisonic Technologies
HE8550 UTC-HE8550_15 Datasheet
219Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8050 UTC-S8050_15 Datasheet
190Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
S8550 UTC-S8550_15 Datasheet
151Kb / 4P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com