Electronic Components Datasheet Search
  English  ▼

X  

MMBT8550 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MMBT8550
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MMBT8550 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MMBT8550 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MMBT8550 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
MMBT8550
WWW.ARTSCHIP.COM
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNITS
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1000
SOT-23
Collector Dissipation(Ta=25°C)
TO-92
PC
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100μA, IE=0
-40
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA, IB=0
-25
Emitter-Base Breakdown Voltage
BVEBO
IE=-100μA, IC =0
-5
V
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
Emitter Cut-off Current
IEBO
VEB=-5V, IC =0
hFE1
VCE=-1V, IC=-1mA
100
hFE2
VCE=-1V, IC=-150 mA
120
400
DC Current Gain
hFE3
VCE=-1V, IC=-500mA
40
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-800mA, IB=-80mA
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-800mA, IB=-80mA
Base-Emitter Saturation Voltage
VBE
VCE=-1V, IC=-10mA
-1.0
V
Current Gain Bandwidth Product
fT
VCE=-6V, IC=-20mA
150
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
9.0
pF
CLASSIFICATION OF hFE2
RANK
C
D
E
RANGE
120-200
160-300
280-400
mA
1
W
V
V
-100
nA
-100
nA
-0.5
V
-1.2
V
MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com