Electronic Components Datasheet Search
  English  ▼

X  

SC4525FEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4525FEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525FEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4525FEVB Datasheet HTML 8Page - Semtech Corporation SC4525FEVB Datasheet HTML 9Page - Semtech Corporation SC4525FEVB Datasheet HTML 10Page - Semtech Corporation SC4525FEVB Datasheet HTML 11Page - Semtech Corporation SC4525FEVB Datasheet HTML 12Page - Semtech Corporation SC4525FEVB Datasheet HTML 13Page - Semtech Corporation SC4525FEVB Datasheet HTML 14Page - Semtech Corporation SC4525FEVB Datasheet HTML 15Page - Semtech Corporation SC4525FEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SC4525F
2
Applications Information (Cont.)
Bootstrapping the Power Transistor
To maximize efficiency, the turn-on voltage across the
internal power NPN transistors should be minimized. If
these transistors are to be driven into saturation, then
their bases will have to be driven from a power supply
higher in voltage than V
IN. The required driver supply volt-
age (at least 2.3V higher than the SW voltage) is gener-
ated with a bootstrap circuit (the diode D
 and the capaci-
tor C
 in Figure 6). The bootstrapped output (the common
node between D
 and C) is connected to the BST pin of
the SC4525F.
The minimum BST to SW voltage required to fully satu-
rate the power transistor is shown in Figure 5. The mini-
mum required V
C increases as temperature decreases.
The bootstrap circuit reaches equilibrium when the base
charge drawn from C
 during transistor on time is equal to
the charge replenished during the off interval.
Figure 5. Typical Minimum Bootstrap Voltage required
to Saturate the Transistor (I
SW= -3.9A)
Figure 6 summarizes various ways of bootstrapping the
SC4525F. A fast switching PN diode (such as N448 or
N94) and a small (0.33μF – 0.47μF) ceramic capacitor
can be used.
In Figure 6(a) the power switch is bootstrapped from the
output. This is the most efficient configuration and it also
results in the least voltage stress at the BST pin. The maxi-
mum BST pin voltage is about V
IN + VOUT. The minimum
V
OUT required for this bootstrap configuration is 2.5V. If the
output voltage is between 2.5V and 3V, then use a small
Schottky diode (such as BAT54) for D
 to maximize the
bootstrap voltage.
The SC4525F can also be bootstrapped from the input
[Figure 6(b)]. This configuration is not as efficient as Figure
6(a). However this may be the only option if the output
voltage is less than 2.5V and there is no other supply with
voltage higher than 2.5V. Voltage stress at the BST pin can
be somewhat higher than 2V
IN.
Figures 6(c) and (d) show how to bootstrap the SC4525F
from a second independent power supply V
S.
The minimum bootstrap capacitance C
 can be estimated
as:
where V
S is the voltage applied to the anode of D.
The inductor current charges the bootstrap capacitor
when it pulls the SW node low during the switch off time.
If D
 is connected to the converter input, then C will be
charged as soon as V
IN is applied.
If the bootstrap diode is tied to the converter output [Fig
ures 6(a)], then C
 can only be charged from the regulator
output through the inductor. Before the converter starts,
there is no output voltage or inductor current. Hence it
is necessary for the regulator to deliver some inductor
current to the output before C
 can be charged. If VIN is
not much higher than the programmed V
OUT and it ramps
up very slowly, then the inductor current will not be high
enough for the bootstrap circuit to run, especially at light
loads. In order to have some inductor current to charge C
,
the converter output needs to be loaded or V
IN needs to
be increased. Using larger soft-start capacitor C
SS will also
help in starting bootstrap because there will be current in
the inductor over a longer period of time. Figures 7(a) and
7(b) show the minimum input voltage required to start
bootstrap and to run before dropping out as a function of
the load current. The minimum start-up V
IN decreases with
higher dV
IN/dt or larger soft-start capacitor CSS. The lines
labeled “dropout”in these graphs show that once started,
the bootstrap circuit is able to sustain itself down to zero
load.
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50
-25
0
25
50
75
100 125
Temperature (oC)
ISW =-3.9A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com