Electronic Components Datasheet Search
  English  ▼

X  

SC4525FEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4525FEVB
Description  18V, 3A, 350kHz Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525FEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4525FEVB Datasheet HTML 11Page - Semtech Corporation SC4525FEVB Datasheet HTML 12Page - Semtech Corporation SC4525FEVB Datasheet HTML 13Page - Semtech Corporation SC4525FEVB Datasheet HTML 14Page - Semtech Corporation SC4525FEVB Datasheet HTML 15Page - Semtech Corporation SC4525FEVB Datasheet HTML 16Page - Semtech Corporation SC4525FEVB Datasheet HTML 17Page - Semtech Corporation SC4525FEVB Datasheet HTML 18Page - Semtech Corporation SC4525FEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SC4525F
5
Applications Information (Cont.)
The block diagram in Figure 8 shows the control loops of a
buck converter with the SC4525F. The inner loop (current
loop) consists of a current sensing resistor (R
s=3.53mW)
and a current amplifier (CA) with gain (G
CA=8.5). The
outer loop (voltage loop) consists of an error amplifier
(EA), a PWM modulator, and a LC filter.
Since the current loop is internally closed, the remaining
task for the loop compensation is to design the voltage
compensator (C
5, R7, and C8).
+
-
Vo
L1
Co
Resr
COM P
EA
REF
Vc
SW
CONTROLLER AND SCHOTTKY DIODE
FB
PW M
M ODULATOR
Vram p
CA
R4
R6
C5
R7
C8
Io
Rs
Figure 8 — Block diagram of control loops
For a converter with switching frequency F
SW, output
inductance L
, output capacitance CO and loading R, the
control (V
C) to output (VO) transfer function in Figure 8 is
given by:
)
/ω
s
Q
s/ω
(1
)
s/ω
(1
)
C
R
s
(1
G
V
V
2
n
2
n
p
O
ESR
PWM
C
O
+
+
+
+
=
This transfer function has a finite DC gain
S
CA
PWM
R
G
R
G
×
≈
an ESR zero F
Z at
O
ESR
Z
C
R
1
ω =
It has a dominant low-frequency pole F
P at
O
p
C
R
1
ω ≈
and double poles at half the switching frequency.
Including the voltage divider (R
4 and R6), the control to
feedback transfer function is found and plotted in Figure
9 as the converter gain.
Since the converter gain has only one dominant pole at
low frequency, a simple Type-2 compensation network
is sufficient for voltage loop compensation. As shown in
Figure 9, the voltage compensator has a low frequency
integrator pole, a zero at F
Z, and a high frequency pole
at F
P. The integrator is used to boost the gain at low
frequency. The zero is introduced to compensate the
excessive phase lag at the loop gain crossover due to the
integrator pole (-90deg) and the dominant pole (-90deg).
The high frequency pole nulls the ESR zero and attenuates
high frequency noise.
Figure 9 — Bode plots for voltage loop design
Therefore, the procedure of the voltage loop design for
the SC4525F can be summarized as:
Plot the converter gain, i.e. control to feedback transfer
function.
Select the open loop crossover frequency, F
C,
between 0% and 20% of the switching frequency. At
F
C, find the required compensator gain, AC. In typical
applications with ceramic output capacitors, the ESR
zero is neglected and the required compensator gain
at F
C can be estimated by


x
π
x
x
−
=
O
FB
O
C
S
CA
C
V
V
C
F
2
1
R
G
1
log
20
A
.
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com