Electronic Components Datasheet Search
  English  ▼

X  

TC8 Datasheet(PDF) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8
Description  16Pin infrared remote control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8 Datasheet(HTML) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button TC8 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 16Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 17Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC8 系列(文件编号:S&CIC1064)
16Pin 红外线遥控 IC
第 13 页 共 33 页
3)
典型应用线路:
K11
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
VSS
CS
OUT
VDD
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
+3V
47uF
CS-1
2
1C
17
10
0D
0E
0F
1D
1F 1E
04
05
06
07
5D
12
14
0B
11
5E
08
09
16
1B
1A
18
15
0C
5C
13
40
41
42
43
44
45
46
00
01
4A
02
03
0A
47
48
49
4B
4C
4D
4E
4F
51
52
53
54
56
50
58
59
5A
5B
5F
19
88
65
55
57
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com