Electronic Components Datasheet Search
  English  ▼

X  

TC8 Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8
Description  16Pin infrared remote control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8 Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC8 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
TC8 系列(文件编号:S&CIC1064)
16Pin 红外线遥控 IC
第 2 页 共 33 页
五、
PAD 图及坐标说明
P1
P2
P3
P4
P5
TOSC
CS1
GND
VDD
REM
CCS
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
序号
名称
X
Y
序号
名称
X
Y
1
K1
409.10
587.15
12
CCS
618.65
102.55
2
K2
296.00
587.15
13
REM
727.40
102.55
3
K3
197.00
587.15
14
VDD
1007.65
358.60
4
K4
83.90
587.15
15
GND
1022.80
459.55
5
K5
108.95
411.75
16
CS1
1049.05
560.55
6
K6
108.95
298.65
17
TOSC
966.55
637.55
7
K7
108.95
194.60
18
P5
899.05
637.55
8
K8
108.95
76.80
19
P4
831.55
637.55
9
K9
283.30
102.55
20
P3
764.05
637.55
10
K10
383.60
102.55
21
P2
696.55
637.55
11
K11
498.00
102.55
22
P1
629.05
637.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com