Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX-025/T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2764AX-025/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX-025/T Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2764AX-025/T Datasheet HTML 1Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 2Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 3Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 4Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 5Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 6Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor with 2-Wire Interface
2 of 20
ABSOLUTE MAXIMUM RATINGS
Voltage Range on PLS and
CC Pins, Relative to VSS
-0.3V to +18V
Voltage Range on Any Other Pin, Relative to VSS
-0.3V to +6V
Continuous Internal Sense Resistor Current
±2.5A
Pulsed Internal Sense Resistor Current
±50A for <100µs/s, <1000 pulses
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(2.5V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
2.5
5.5
V
Voltage Sense Input
VIN
(Note 1)
-0.3
VDD + 0.3
V
Serial Interface Pins
SCL, SDA
(Note 1)
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(2.5V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Current
IACTIVE
SCL = SDA = VDD, normal
operation
60
90
mA
Sleep Mode Current
ISLEEP
SCL = SDA = 0V, no activity,
PS
floating
1
2
mA
Input Logic High: SCL, SDA
VIH
(Note 1)
1.5
V
Input Logic High:
PS
VIH
(Note 1)
0.7 x VDD
V
Input Logic Low: SCL, SDA
VIL
(Note 1)
0.4
V
Input Logic Low:
PS
VIL
(Note 1)
0.3 x VDD
V
Output Logic High:
CC
VOH
IOH = -0.1mA (Note 1)
VPLS - 0.4
V
Output Logic High:
DC
VOH
IOH = -0.1mA (Note 1)
VDD - 0.4
V
Output Logic Low:
CC
VOL_CC
IOL = 0.1mA (Note 1)
0.4
V
Output Logic Low:
DC
VOL_DC
IOL = 0.5
mA (Note 1)
0.4
V
Output Logic Low: SDA
VOL
IOL = 4mA (Note 1)
0.4
V
Pulldown Current: SCL, SDA
IPD
1
mA
Input Resistance: VIN
RIN
5
M
W
Internal Current-Sense Resistor
RSNS
+25°C
20
25
30
m
W
Bus Low to Sleep time
tSLEEP
2.1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com