Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX-025/T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2764AX-025/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX-025/T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2764AX-025/T Datasheet HTML 1Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 2Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 3Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 4Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 5Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 6Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 7Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 8Page - Maxim Integrated Products DS2764AX-025/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
4 of 20
ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(2.5V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 12)
0
100
KHz
Bus Free Time Between a STOP
and START Condition
tBUF
4.7
µs
Hold Time (Repeated)
START Condition
tHD:STA
(Note 13)
4.0
µs
Low Period of SCL Clock
tLOW
4.7
µs
High Period of SCL Clock
tHIGH
4.0
µs
Setup Time for a Repeated
START Condition
tSU:STA
4.7
µs
Data Hold Time
tHD:DAT
(Note 14, 15)
0
5.0
µs
Data Setup Time
tSU:DAT
(Note 14)
250
ns
Rise Time of both SDA and
SCL Signals
tR
1000
ns
Fall Time of both SDA and
SCL Signals
tF
300
ns
Setup Time for STOP
Condition
tSU:STO
4.0
µs
Spike pulse widths suppressed by
input filter
tSP
(Note 16)
0
50
ns
Capacitive Load for each Bus
Line
CB
(Note 17)
400
pF
SCL, SDA Input Capacitance
CBIN
60
pF
EEPROM RELIABILITY SPECIFICATION
(2.5V
£ VDD £ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Copy to EEPROM Time
tEEC
2
10
ms
EEPROM Copy Endurance
NEEC
(Note 11)
25,000
cycles
Note 1:
All voltages are referenced to VSS.
Note 2:
See the Selector Guide section to determine the corresponding part number for each VOV value.
Note 3:
Internal current-sense resistor configuration.
Note 4:
External current-sense resistor configuration.
Note 5:
Self-heating due to output pin loading and sense resistor power dissipation can alter the reading from ambient conditions.
Note 6:
Compensation of the internal sense resistor value for initial tolerance and temperature coefficient of -20°C to +70°C can reduce
the maximum reportable magnitude to 1.9A.
Note 7:
Current offset error null to ±1 LSB typically requires 3.5s in-system calibration by user.
Note 8:
Current gain error specification applies to gain error in converting the voltage difference at IS1 and IS2, and excludes any error
remaining after the DS2764 compensates for the internal sense resistor’s temperature coefficient of 3700ppm/
°C to an accuracy
of
±500ppm/°C. The DS2764 does not compensate for external sense resistor characteristics, and any error terms arising from
the use of an external sense resistor should be taken into account when calculating total current measurement error.
Note 9:
Accuracy at time of shipment from Dallas Semiconductor is 3% max. Flip-chip board mounting processes may cause the
current gain error to widen to as much as 10% for flip chip devices with the internal sense resistor option. Contact factory for
on-board recalibration procedure for flip chip devices with the internal sense resistor option to improve accuracy.
Note 10:
Typical value for tERR1 is specified at 3.6V and +25°C, max value is specified for 0°C to +50°C. Max value for tERR2 is specified
for -20°C to +70°C.
Note 11:
Four-year data retention at +70
°C.
Note 12:
Timing must be fast enough to prevent the DS2764 from entering sleep mode due to bus low for period >
tSLEEP
Note 13:
fSCL must meet the minimum clock low time plus the rise/fall times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com