Electronic Components Datasheet Search
  English  ▼

X  

ML66525B Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML66525B
Description  16-Bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66525B Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML66525B Datasheet HTML 17Page - OKI electronic componets ML66525B Datasheet HTML 18Page - OKI electronic componets ML66525B Datasheet HTML 19Page - OKI electronic componets ML66525B Datasheet HTML 20Page - OKI electronic componets ML66525B Datasheet HTML 21Page - OKI electronic componets ML66525B Datasheet HTML 22Page - OKI electronic componets ML66525B Datasheet HTML 23Page - OKI electronic componets ML66525B Datasheet HTML 24Page - OKI electronic componets ML66525B Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FEDL66525-02
OKI Semiconductor
ML66525 Family
21/27
Slave mode (Clock synchronous serial port)
(VDD_CORE = VDD_IO = VREF = 2.4 to 3.6 V, GND = AGND = 0 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
tcyc
fOSC = 24 MHz
41.67
—
Serial clock cycle time
tSCKC
400
—
Output data setup time
tSTMXS
70
—
Output data hold time
tSTMXH
180
—
Input data setup time
tSRMXS
21
—
Input data hold time
tSRMXH
CL = 50 pF
7
—
ns
TXC/RXC
SDOUT
(TXD)
SDIN
(RXD)
t
STMXS
t
STMXH
t
SCKC
t
SRMXS
t
SRMXH
t
cyc
CPUCLK
Measurement points for AC timing (except the serial port)
Measurement points for AC timing (the serial port)
VDD_IO
0 V
0.16VDD_IO
0.44VDD_IO
0.16VDD_IO
0.44VDD_IO
VDD_IO
0 V
0.2VDD_IO
0.8VDD_IO
0.2VDD_IO
0.8VDD_IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com