Electronic Components Datasheet Search
  English  ▼

X  

ML66525B Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML66525B
Description  16-Bit Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML66525B Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML66525B Datasheet HTML 9Page - OKI electronic componets ML66525B Datasheet HTML 10Page - OKI electronic componets ML66525B Datasheet HTML 11Page - OKI electronic componets ML66525B Datasheet HTML 12Page - OKI electronic componets ML66525B Datasheet HTML 13Page - OKI electronic componets ML66525B Datasheet HTML 14Page - OKI electronic componets ML66525B Datasheet HTML 15Page - OKI electronic componets ML66525B Datasheet HTML 16Page - OKI electronic componets ML66525B Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
FEDL66525-02
OKI Semiconductor
ML66525 Family
13/27
ELECTRICAL CHARACTERISTICS
DC Characteristics 1 (Except USB port)
(VDD_CORE = VDD_IO = VREF = 2.4 to 3.6 V, GND = AGND = 0 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
*1
0.80 VDD
—
5.5
“H” input voltage
VIH
—
0.80 VDD
—
VDD + 0.3
“L” input voltage
VIL
—
–0.3
—
0.2VDD
IO = –400 µA
VDD –
0.4
—
—
“H” output voltage
*2
IO = –2.0 mA
VDD –
0.8
—
—
IO = –200 µA
VDD –
0.4
—
—
“H” output voltage
*3
VOH
IO = –1.0 mA
VDD –
0.8
—
—
IO = 3.2 mA
—
—
0.5
“L” output voltage
*2
IO = 5.0 mA
—
—
0.9
IO = 1.6 mA
—
—
0.5
“L” output voltage
*3
VOL
IO = 2.5 mA
—
—
0.9
V
Input leakage current
*4, *6
—
—
1/–1
Input current
*5
—
—
1/–90
Input current
*7
IIH/IIL
VI = VDD/0 V
—
—
15/–15
µA
Output leakage current
*2, *3
ILO
VO = VDD/0 V
—
—
±10
µA
Pull-up resistance
Rpull
VI = 0 V
40
100
200
k
Ω
Input capacitance
CI
—
5
—
Output capacitance
CO
fOSC = 1 MHz, Ta = 25°C
—
7
—
pF
During A/D operation
—
1.8
5
mA
Analog reference supply current
IREF
When A/D is stopped
—
—
5
µA
VDD = VDD_IO
*
1. Applicable to P9_0 (5 V tolerant input)
*
2. Applicable to P7 and P10_0 to P10_2
*
3. Applicable to P0, P1, P2, P3, P4, P6, P8, P9, P10_3 to P10_5, P15, P20 and P21
*4. Applicable to P12 and P13
*5. Applicable to RESn and FLAMOD
*6. Applicable to EAn, NMI, and TEST
*7. Applicable to OSC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com