Electronic Components Datasheet Search
  English  ▼

X  

DS2764AX/R Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2764AX/R
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764AX/R Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2764AX/R Datasheet HTML 12Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 13Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 14Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 15Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 16Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 17Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 18Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 19Page - Maxim Integrated Products DS2764AX/R Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
19 of 20
Read Data Protocol
The Read Data protocol is used to read register and shadow RAM data from the DS2764 starting at memory
address specified by MAddr. Data0 represents the data byte in memory location MAddr, Data1 represents the data
from MAddr + 1 and DataN represents the last byte read by the master.
S SAddr W A MAddr A Sr SAddr R A Data0 A Data1 A … DataN N P
Data is returned beginning with the most significant bit (msb) of the data in MAddr. Because the address is
automatically incremented after the least significant bit (lsb) of each byte is returned, the msb of the data at
address MAddr + 1 is available to the host immediately after the acknowledgement of the data at address MAddr. If
the bus master continues to read beyond address FFh, the DS2764 outputs data values of FFh. Addresses labeled
“Reserved” in the memory map return undefined data. The bus master terminates the read transaction at any byte
boundary by issuing a No Acknowledge followed by a STOP or Repeated START.
Function Command Protocol
The Function Command protocol executes a device specific operation by writing one of the function command
values (FCmd) to memory address FEh. Table 4 lists the DS2764 FCmd values and describes the actions taken
by each. A one byte write protocol is used to transmit the function command, with the MAddr set to FEh and the
data byte set to the desired FCmd value. Additional data bytes are ignored. Data read from memory address FEh
is undefined.
S SAddr W A MAddr=0FEh A FCmd A P
Table 4. Function Commands
FUNCTION
COMMAND
TARGET
EEPROM
BLOCK
FCMD
VALUE
DESCRIPTION
0
42h
1
44h
Copy Data
2
48h
This command copies the shadow RAM to the target EEPROM block.
Copy Data commands that target locked blocks are ignored. While the
Copy Data command is executing, the EEC bit in the EEPROM register is
set to 1, and Write Data commands with MAddr set to any address within
the target block are ignored. Read Data and Write Data commands with
MAddr set outside the target block are processed while the copy is in
progress. The Copy Data command execution time, tEEC, is 2ms typical
and starts after the FCMD byte is acknowledged. Subsequent Copy or
Lock commands must be delayed until the EEPROM programming cycle
completes.
0
B2h
1
B4h
Recall Data
2
B8h
This command recalls the contents of the targeted EEPROM block to its
shadow RAM.
0
63h
1
66h
Lock
2
6Ah
This command locks (write-protects) the targeted EEPROM block. The
LOCK bit in the EEPROM register must be set to 1 before the lock
command is executed. If the LOCK bit is 0, the lock command has no
effect. The lock command is permanent; a locked block can never be
written again. The Lock command execution time, tEEC, is 2ms typical
and starts after the FCMD byte is acknowledged. Subsequent Copy or
Lock commands must be delayed until the EEPROM programming cycle
completes.
Note: EEPROM block 2 is not supported on special order devices with unique IDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com