Electronic Components Datasheet Search
  English  ▼

X  

AW9203CSR Datasheet(PDF) 12 Page - Shanghai awinic technology co.,ltd

Part # AW9203CSR
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203CSR Datasheet(HTML) 12 Page - Shanghai awinic technology co.,ltd

Back Button AW9203CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
12
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
b)
Master device sends slave address (7-bit) and the data direction bit (w = 0).
c)
Slave device sends acknowledge signal if the slave address is correct.
d)
Master sends control register address (8-bit)
e)
Slave sends acknowledge signal
f)
Master generates STOP condition followed with START condition or REPEAT START condition
g)
Master device sends slave address (7-bit) and the data direction bit (r = 1).
h)
Slave device sends acknowledge signal if the slave address is correct.
i)
Slave sends data high 8Bit from addressed register.
j)
Master sends acknowledge signal
k)
Slave sends data low 8Bit from addressed register.
l)
If the master device sends acknowledge signal, the slave device will increase the control register
address by one, then send the next data from the new addressed register. If master sends no
acknowledge signal, the slave device stop to send data and wait for STOP condition.
m)
If the master device generates STOP condition, the read cycle is ended.
0
A2
A1
A0
A6
A5
A3
A4
A4
A3
A1
A2
A7
A5
A6
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
A4
A3
A1
A2
A0
A5
A6
D14
D8
D9
A0
D15
7
0
1
2
3
4
5
6
7
8
0
1
...
6
SCL
SDA
Ack
Ack
Ack
7
8
Ack
Start
R/W
……
I
2C Address
Register Address
I
2C Address
Register Data
High 8Bit
8
RS
Using
Repeat start
A4
A3
A1
A2
A5
A6
D14
D8
D9
A0
D15
0
1
2
3
4
5
6
7
8
0
1
...
6
Ack
7
8
Ack
……
Stop
Register Data
High 8Bit
S
Separated
Read/write
transaction
……
……
……
I
2C Address
P
……
……
R/W
R/W
D6
D0
D1
D7
0
1
...
6
7
8
Ack
……
Stop
Register Data
Low 8Bit
D6
D0
D1
D7
0
1
...
6
7
8
Ack
……
Register Data
Low 8Bit
Figure 10
AW9203 I2C Read Timing
9.4
OSCILLATOR
An internal oscillator provides clock for both capacitive touch detecting circuit. If register bit GCR.SENE is high,
the OSC starts to work, the start-up time is about 5 us. When the register bit GCR.SENE are low, the internal
OSC stops.
9.5
CAPACITIVE TOUCH DETECTION
With high performance sigma-delta capacitive digital conversion technology, the capacitance on SX pin is
measured, the finger touch decision is made according to the increment of SX capacitance. Before finger
touching, the key capacitance is only formed by the sensing electrode and surrounding ground, which is called
intrinsic capacitance usually. When finger touching, an additional parallel plate capacitor capacitance
(electrode-media-finger) is formed, resulting in the capacitance increment on pin SX. In general, because of
the variation of different electrode size and dielectric characteristic of different media materials, the capacitance
increment caused by finger touch is about 0.5pF~5pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com