Electronic Components Datasheet Search
  English  ▼

X  

AW9203CSR Datasheet(PDF) 22 Page - Shanghai awinic technology co.,ltd

Part # AW9203CSR
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203CSR Datasheet(HTML) 22 Page - Shanghai awinic technology co.,ltd

Back Button AW9203CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
22
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
4: S2
5: S3
10:8
KCODE2 Gesture order of number 2 sensor channel
0: None
3: S1
4: S2
5: S3
6:4
KCODE3 Gesture order of number 3 sensor channel
0: None
3: S1
4: S2
5: S3
3:0
-
Reserved, must be 0
The sensor channel is touched one by one when finger moves. AW9203 judges the touch order is the
predefined order or not.
KCODE1 is the first touching sensor channel and then KCODE2/3 is detected.
Every gesture configuration must be more than 2 sensor channel and the other is set to 0.
The register is invalid if KCODE1 is 0.
10.3.23
TAPR, Tap Gesture Configuration Register
Address: 0x27, R/W, default: 0x12
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
CSEL
0
0
TIMES
Bit
Symbol
Description
1:0
TIMES
Click times
1: single click
2: double click (default)
3: triple click
6:4
CSEL
Tap sensor channel selection
0: disabled
1: enable
15:8
-
Reserved, must be 0
10.3.24
GIER, Gesture Interrupt Enable Register
Address: 0x2D, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
TIE
0
0
GIE2 GIE1
Bit
Symbol
Description
1:0
GIE2~1
Gesture detection interrupt
0: disable interrupt
1: enable interrupt
4
TIE
Tap gesture detection interrupt enable
0: disable interrupt
1: enable interrupt
15:5
-
Reserved, must be 0
10.3.25
GISR, Gesture Interrupt Status Register
Address: 0x2E, R(cleared after reading), default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
TIS
0
0
GIS2 GIS1
Bit
Symbol
Description
1:0
GIS2~1
Gesture detection interrupt status
0: no gesture interrupt
1: gesture interrupt
4
TIS
Tap interrupt status
0: no tap interrupt
1: tap interrupt
15:5
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com