Electronic Components Datasheet Search
  English  ▼

X  

AW33809CSR Datasheet(PDF) 8 Page - Shanghai awinic technology co.,ltd

Part # AW33809CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33809CSR Datasheet(HTML) 8 Page - Shanghai awinic technology co.,ltd

Back Button AW33809CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
8
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
F, IIN≤ 4.5A
and TA = 25°C.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
Rdson
Switch on resistance
VIN = 5V, IOUT = 1A, TA = 25°C
29
39
m
IQ
Input quiescent current
VIN = 5V, VOVLO=0V,IOUT = 0A
78
120
A
IIN_OVLO
Input current at over-
voltage condition
VIN = 5V, VOVLO=3V,VOUT =
0V
71
110
A
VOVLO_TH
OVLO set threshold
AW33801/AW33805/
AW33809/AW33812
1.16
1.20
1.24
V
AW33802
1.17
1.23
1.29
VOVLO_RNG
OVP threshold adjustable
range
4
20
V
VOVLO_SEL
External OVLO select
threshold
OVLO rising
0.19
0.26
0.33
V
Hysteresis
0.06
IOVLO
OVLO pin leakage current
VOVLO=VOVLO_TH
-0.1
0.1
A
Protection
VIN_OVLO
OVP trip level
AW33801
VIN rising
5.83
5.95
6.07
V
Hysteresis
0.10
AW33802
VIN rising
6.0
6.2
6.4
Hysteresis
0.11
AW33805
VIN rising
6.66
6.80
6.94
Hysteresis
0.15
AW33809
VIN rising
9.78
9.98
10.18
Hysteresis
0.21
AW33812
VIN rising
13.7
14.0
14.3
Hysteresis
0.3
VIN_UVLO
UVLO trip level
AW33801/
AW33805/
AW33809/
AW33812
VIN rising
2.2
2.4
V
Hysteresis
0.08
AW33802
VIN rising
2.3
2.5
Hysteresis
0.13
TSDN
Shutdown temperature
AW33801/AW33805/
AW33809/AW33812
150
°C
AW33802
140
TSDN_HYS
Shutdown temperature
hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com