Electronic Components Datasheet Search
  English  ▼

X  

AW33809CSR Datasheet(PDF) 10 Page - Shanghai awinic technology co.,ltd

Part # AW33809CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33809CSR Datasheet(HTML) 10 Page - Shanghai awinic technology co.,ltd

Back Button AW33809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
10
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS
Table 1 Table of Figures
INDEX
Figure No
Normalized Rdson vs. Output Current
FIGURE 7
Normalized Rdson vs. Temp. (IOUT = 1A)
FIGURE 8
Normalized Rdson vs. Input Voltage (IOUT = 1A)
FIGURE 9
Input Supply Current vs. Supply Voltage
FIGURE 10
Normalized Internal OVP Threshold
FIGURE 11
Normalized External OVP Threshold
FIGURE 12
Normalized Debounce Time vs. Temp
FIGURE 13
Power-up (COUT =
1F, 100mA load)
FIGURE 14
Power-up (COUT =
100F, 100mA load)
FIGURE 15
OVP Response (AW33801)
FIGURE 16
Recovery from OVP(AW33801)
FIGURE 17
VIN = 5V, VOVLO = 0V, CIN = 0.1
F, COUT = 1F, and TA = 25°C unless otherwise specified.
Figure 7 Normalized Rdson vs. Output Current
Figure 8 Normalized Rdson vs. Temp. (IOUT = 1A)
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
Output Current(A)
Normalized to Iout=1A
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
Temperature (
°C)
Normalized to TA = 25°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com