Electronic Components Datasheet Search
  English  ▼

X  

UTS Datasheet(PDF) 3 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTS
Description  Fiber Optic connector for fast & reliable rollout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTS Datasheet(HTML) 3 Page - SOURIAU-SUNBANK Connection Technologies

  UTS Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OR
OR
WITH
UTS LC Series
Technical features
Mechanical
• Housing and backshell: thermoplastic
UL94-V0
• insert: thermoplastic UL94-V0
• Optical contacts: depends on LC customer
choice
• Durability per IEC 61300-2-2:
500 mating/unmating
• Vibration per IEC 61300-2-1:
Sinusoidal vibration, 5Hz to 500Hz,
3.5mm amplitude, 9.8m/s² above 9Hz
• Change of temperature per IEC 61300-2-22:
12 cycles 1hour, from -40°C to +85°C
Environmental
• Temperature range: from -40°C to +105°C
• Salt mist per IEC 61300-2-26: 96hours
• Sealing (mated) per IEC 60529: Dynamic IP68
under 10 meter of water for 1week
• UV resistance: no mechanical degradation
or significant variation of colour after
5 years of exposure in natural environment
(equivalent exposure to sun and moisture
as per ISO4892)
• RoHS compliant and conforms, to the Chinese
standard SJ/T1166-2006
(Chinese RoHS equivalent)
Optical*
• Exceeds performance Standard IEC 61753-1
Cat. E (extreme environment)
• Multimode contact: Insertion losses
< 0.10dB over 97% of the samples
Return losses > 30dB minimum
• Singlemode contact: Insertion losses
< 0.25dB over 97% of the samples
Return losses > 45dB minimum.
*depends on LC contact customer choice
Connector type
Backshell
Part number
Male insert
Female insert
Free hanging receptacle
Cable gland
UTS1JC18LCN
-
Plug
Cable gland
-
UTS6JC18LCN
Jam nut receptacle
Without
UTS718LCN
-
Connector Part Numbers
Accessories
Sealing Caps
Part number
UTS618DCG2
Part number
UTS18DCG2
For UTS1JC18LCN & UTS718LCN
For UTS6JC18LCN
Receptacle
Plug



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com