Electronic Components Datasheet Search
  English  ▼

X  

UTS Datasheet(PDF) 1 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTS
Description  Fiber Optic connector for fast & reliable rollout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTS Datasheet(HTML) 1 Page - SOURIAU-SUNBANK Connection Technologies

  UTS Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies UTS Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTS Series
UTS LC
Fiber Optic connector for fast & reliable rollout
The new UTS LC allow easy ruggedization of standard LC optical contacts
in a UTS connector shell
Quick Locking
Ergonomic 1/3-turn locking
Audible click
Long Life Warranty
UV-resistant
Corrosion free
Outdoor Use
Waterproof IP67 / IP68
Resists Shock and vibration
Secure Mating
Protected LC contact
Robust shell material
High strength cable retention system
Optical Contact Multi-Sourcing
Designed for all standard LC contacts


Similar Part No. - UTS

ManufacturerPart #DatasheetDescription
logo
SOURIAU-SUNBANK Connect...
UTS SOURIAU-UTS Datasheet
168Kb / 3P
Cable assembly
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
Infrared IrDA Transceiver Module
logo
Huber+Suhner, Inc.
UTS6PLUGASSYFT10MM2M HUBERSUHNER-UTS6PLUGASSYFT10MM2M Datasheet
1Mb / 2P
Power Assembly, 2 core, 10mm2, PC to blunt cut
UTS6PLUGASSYFT12AWGM HUBERSUHNER-UTS6PLUGASSYFT12AWGM Datasheet
1Mb / 2P
Power Assembly, 2 core, 12 AWG, PC to blunt cut
UTS6PLUGASSYFT4MM2M HUBERSUHNER-UTS6PLUGASSYFT4MM2M Datasheet
1Mb / 2P
Power Assembly, 2 core, 4mm2, PC to blunt cut
More results

Similar Description - UTS

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
Fiber Optic Transceiver For Fast Ethernet
logo
Glenair, Inc.
182-001SW GLENAIR-182-001SW Datasheet
196Kb / 1P
Fiber Optic Polishing Tool for
182-002W GLENAIR-182-002W Datasheet
193Kb / 1P
Fiber Optic Polishing Tool for
logo
Lightel Technologies IN...
CI-1100 LIGHTEL-CI-1100 Datasheet
882Kb / 2P
Video Microscope for Fiber Optic Connector Inspection
logo
Glenair, Inc.
180_091 GLENAIR-180_091_05 Datasheet
306Kb / 2P
Advanced Fiber Optic Connector
logo
Pepperl+Fuchs Inc.
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
Fiber optic sensor for glass fiber optics
MLV41-LL-RT-2492 PF-MLV41-LL-RT-2492 Datasheet
269Kb / 2P
Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com