Electronic Components Datasheet Search
  English  ▼

X  

21TS5 Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 21TS5
Description  Reverse mount Chip LED.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

21TS5 Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  21TS5 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
℃
℃
℃
Parameter
Symbol
Part No.
LTW-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
21TS5
28
112
mcd
IF = 5mA
Note 1, 2, 5
Viewing Angle
2θ1/2
21TS5
70
deg
Fig.6
x
0.304
Chromaticity Coordinates
y
21TS5
0.301
IF = 5mA
Note 3, 5
Fig.1
Forward Voltage
VF
21TS5
2.70
3.15
V
IF = 5mA
Reverse Current
IR
21TS5
10
µ
A
VR = 5V
Note : 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. Tester
CAS140B is for the chromaticity coordinates (x, y) and Iv
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance.
Part
No. : LTW-21TS5
Page :
3
of
12
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com