Electronic Components Datasheet Search
  English  ▼

X  

21TS5 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 21TS5
Description  Reverse mount Chip LED.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

21TS5 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  21TS5 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 21TS5 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Reverse mount Chip LED.
* Ultra bright InGaN White Chip LED.
* Package in 8mm tape on 7" diameter reels.
* Compatible with automatic placement equipment.
* Compatible with infrared reflow solder process.
* EIA STD package.
* I.C. compatible.
Package
Dimensions
Part No.
Lens
Emitted Color
LTW-21TS5
Yellow
InGaN White
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.10 mm (.004") unless otherwise noted.
Part
No. : LTW-21TS5
Page :
1
of
12
BNS-OD-C131/A4
 
 香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - 21TS5

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
21T12D RALTRON-21T12D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
21T15D RALTRON-21T15D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
21T30D RALTRON-21T30D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
21T8D RALTRON-21T8D Datasheet
76Kb / 3P
MONOLITHIC CRYSTAL FILTERS
logo
Vishay Siliconix
21TT100 VISHAY-21TT100 Datasheet
130Kb / 7P
High Performance Schottky Generation 5.0, 20 A
05-Sep-08
More results

Similar Description - 21TS5

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-810MT ROHM-SML-810MT Datasheet
76Kb / 3P
Reverse mount type chip LED
logo
Everlight Electronics C...
23-21B-BHC-AN1P2 EVERLIGHT-23-21B-BHC-AN1P2 Datasheet
157Kb / 10P
Reverse Package Chip LED
23-21C-T1D-CP2Q2TY-2A EVERLIGHT-23-21C-T1D-CP2Q2TY-2A_11 Datasheet
195Kb / 12P
Reverse Package Chip LED
logo
Lite-On Technology Corp...
LTST-C230AKT LITEON-LTST-C230AKT Datasheet
354Kb / 6P
Reverse mount Chip LED
LTST-C230CBKT LITEON-LTST-C230CBKT Datasheet
332Kb / 6P
Reverse mount Chip LED
LTST-C230CKT LITEON-LTST-C230CKT Datasheet
356Kb / 6P
Reverse mount Chip LED
LTST-C230EKT LITEON-LTST-C230EKT Datasheet
354Kb / 6P
Reverse mount Chip LED
LTST-C230GKT LITEON-LTST-C230GKT Datasheet
343Kb / 6P
Reverse mount Chip LED
LTST-C230UBKT LITEON-LTST-C230UBKT Datasheet
351Kb / 6P
Reverse mount Chip LED
LTST-C230YKT LITEON-LTST-C230YKT Datasheet
357Kb / 6P
Reverse mount Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com