Electronic Components Datasheet Search
  English  ▼

X  

IR2181 Datasheet(PDF) 10 Page - International Rectifier

Part # IR2181
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2181 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2181 Datasheet HTML 6Page - International Rectifier IR2181 Datasheet HTML 7Page - International Rectifier IR2181 Datasheet HTML 8Page - International Rectifier IR2181 Datasheet HTML 9Page - International Rectifier IR2181 Datasheet HTML 10Page - International Rectifier IR2181 Datasheet HTML 11Page - International Rectifier IR2181 Datasheet HTML 12Page - International Rectifier IR2181 Datasheet HTML 13Page - International Rectifier IR2181 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.irf.com
IR2213(S) & (PbF)
Figure 22. Maximum VS Negative Offset vs.
VBS Supply Voltage
Figure 23. Maximum VSS Positive Offset vs.
VCC Supply Voltage
0.0
4.0
8.0
12.0
16.0
20.0
10
12
14
16
18
20
VCC Fixed Supply Voltage (V)
Typ.
-15.0
-12.0
-9.0
-6.0
-3.0
0.0
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Typ.
0v
100v
200v
300v
15
25
35
45
55
65
0.1
1
10
100
Frequency (KHZ)
0v
100v
200v
300v
15
25
35
45
55
65
0.1
1
10
100
Frequency (KHZ)
Figure 24. IR2213s vs. Frequency (IRFBC20)
R
gate=33Ω , VCC=15V
Figure 25. IR2213s vs. Frequency (IRFBC30)
R
gate=22Ω , VCC=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com