Electronic Components Datasheet Search
  English  ▼

X  

IR2181 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2181
Description  HIGH AND LOW SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2181 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2181 Datasheet HTML 6Page - International Rectifier IR2181 Datasheet HTML 7Page - International Rectifier IR2181 Datasheet HTML 8Page - International Rectifier IR2181 Datasheet HTML 9Page - International Rectifier IR2181 Datasheet HTML 10Page - International Rectifier IR2181 Datasheet HTML 11Page - International Rectifier IR2181 Datasheet HTML 12Page - International Rectifier IR2181 Datasheet HTML 13Page - International Rectifier IR2181 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IR2213(S) & (PbF)
www.irf.com
11
0v
100v
200v
300v
15
25
35
45
55
65
75
0.1
1
10
100
Frequency (KHZ)
0v
100v
200v
300v
15
25
35
45
55
65
75
0.1
1
10
100
Frequency (KHZ)
0v
100v
200v
300v
15
25
35
45
55
65
0.1
1
10
100
Frequency (KHZ)
300v
200v
100v
0v
15
25
35
45
55
65
0.1
1
10
100
Frequency (KHZ)
Figure 27. IR2213s vs. Frequency (IRFBC50)
R
gate=10Ω , VCC=15V
Figure 28. IR2213 vs. Frequency (IRFBC20)
R
gate=33Ω , VCC=15V
Figure 29. IR2213 vs. Frequency (IRFBC30)
R
gate=22Ω , VCC=15V
Figure 26. IR2213s vs. Frequency (IRFBC40)
R
gate=15Ω , VCC=15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com