Electronic Components Datasheet Search
  English  ▼

X  

WS81 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS81
Description  A Major Advance in RTD Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS81 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS81 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS81 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS81 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-29
OMEGA® Thinfilm RTD Elements
STOCKED FOR IMMEDIATE DELIVERY
*
*
* Length is 17 mm for 1000 and 2000 ohm elements
All RTD elements
available with
Teflon® insulated
lead wire.
Pricing is dependent
on lead style,
See page with
“RTD Elements with
Lead Wires Attatched”
(page C-12).
Nominal
Series
Dimensions in millimeters
Single or
Resistance
Temperature
Model
Price
(1 mm = .03937")
Dual
(ohms)
Range
Number
1
x
100
W2102
$32
1
x
200
W2112
35
W
1
x
400
W2122
39
1
x
500
W2132
39
1
x
1000
W2142
48
1
x
2000
W2152
97
2
x
100
W2202
58
2
x
200
W2212
68
W
2
x
400
W2222
66
2
x
500
W2232
61
2
x
1000
W2242
71
1
x
100
W2103
36
W
2
x
100
W2204
64
12
3.0 mm
12
3.0 mm
7
2.0 mm
7
3.0 mm
-50
to
600°C
(-58
to
1112°F)
OMEGAFILM® – Platinum RTD Elements (Alpha=.00385)
OMEGAFILM® RTD’s can be used
with various OMEGA® controllers
and digital readout thermometers.
The following shows where some
of these instruments can be found
in this catalog:
Instrument
Section
1. DP41-RTD series meters
M
2. DP25-RTD digital indicators
M
3. CN77000 series controllers
P
OMEGA can offer Series W
and Series F OMEGAFILM® RTD’s
encapsulated in hex head
machine screws and other
metal holders. Please contact
OMEGA’s Applications Engineering
Department about other
custom assemblies.
Discount Schedule
1 to 10 units . . . . . . . . . . .Net
11 to 24 units . . . . . . . . .10%
25 to 49 units . . . . . . . . .15%
50 to 99 units . . . . . . . . .20%
100 units and up . . . . . . .25%
Shown
larger than
actual size



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com