Electronic Components Datasheet Search
  English  ▼

X  

WS81 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS81
Description  A Major Advance in RTD Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS81 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS81 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS81 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS81 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nominal
Series
Dimensions in millimeters
Single or
Resistance
Temperature
Model
Price
(1 mm = .03937")
Dual
(ohms)
Range
Number
1
x
100
F3101
$19
F
1
x
500
F3131
19
1
x
1000
F3141
19
1
x
100
F3102
19
F
1
x
500
F3132
19
1
x
1000
F3142
19
F
1
x
100
F3105
19
F
1
x
100
F3107
19
WS
1
x
100
WS81
87
C-30
C
Series W. Series W are rugged,
ceramic, cylindrically shaped
elements for use in the temperature
range from -50 to 600°C (-58 to
1112°F). Elements have .015"
gold palladium alloy leads
approximately 0.4" long, which
are strain relieved in the stress free
ceramic body. Elements are available
in both single and dual configurations
with resistances at 0°C (32°F) of 100,
200, 400, 500, 1000 and 2000 ohms.
Calibration conforms to standard DIN
43760 with 0.1% resistance tolerance.
Resistance vs. Temperature values
are shown in the technical section.
Series F. Series F are small, thin, flat
ceramic encased elements with strain
relieved leads approximately 10 mm
(0.4") long. Temperature rating is
from -50 to 600°C (-60 to 1110°F).
Calibration is to DIN standard 43760,
0.1% tolerance. Available in a single
winding configuration with a choice
of 100, 500 and 1000 ohm resistance
at 0°C (32°F). Series F elements
yield a superior approach to
accurate, reliable, surface
temperature measurement.
1.0
2.2
6.7
2.1 thick
-50 to
850°C
(-60 to
1560°F)
1 mm Thick
1 mm Thick
1 mm Thick
OMEGAFILM®– Platinum RTD Elements (Alpha=.00385)
OMEGAFILM
® RTD Elements
-50
to
600°C
(-60
to
1110°F)
Model WS81. The WS81 donut
shaped 100 ohm RTD element
offers fast, accurate temperature
measurement as well as a
convenient means of attaching to
a surface without cement. These
highly versatile units can be secured
to a surface by a machine screw and
washer or by a rivet. They can also
be directly cemented with or without
the use of a vertical centering post.
Rated temperature is from -50 to
850°C (-58 to 1562°F). Accuracy
and speed of response are enhanced
by locating the winding deposition
only 0.007" beneath the mounting
surface. The rugged ceramic body,
with firmly strain relieved 0.015"
diameter platinum, is designed to
withstand high vibration conditions.
This versatile 100 ohm unit meets
DIN standard 43760, “0.1%”
resistance tolerance. Resistance vs.
Temperature tables and polynomials
are shown in the technical section.
Discount Schedule
1 to 10 units . . . . . . . . . . .Net
11 to 24 units . . . . . . . . .10%
25 to 49 units . . . . . . . . .15%
50 to 99 units . . . . . . . . .20%
100 units and up . . . . . . .25%
Shown
larger than
actual size



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com